Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 43Page - STMicroelectronics ST95HF Datasheet HTML 44Page - STMicroelectronics ST95HF Datasheet HTML 45Page - STMicroelectronics ST95HF Datasheet HTML 46Page - STMicroelectronics ST95HF Datasheet HTML 47Page - STMicroelectronics ST95HF Datasheet HTML 48Page - STMicroelectronics ST95HF Datasheet HTML 49Page - STMicroelectronics ST95HF Datasheet HTML 50Page - STMicroelectronics ST95HF Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 93 page
background image
DocID025630 Rev 4
47/93
ST95HF
Commands
92
Default code per protocol
5.11.2
Improving frame reception for ISO/IEC 14443 Type A tags
To improve ST95HF demodulation when communicating with ISO/IEC 14443 Type A tags, it
is possible to adjust the synchronization between digital and analog inputs by fine-tuning the
Timer Window (TimerW) value. This can be done using the Write Register (WRREG)
command to set a new TimerW value (min. 0x50, max. 0x60). The recommended value is
0x56 or 0x58 when using the ST95HF demo board.
The default value of this parameter (0x52) is set by the PROTOCOLSELECT command, but it can
be overwritten using the WRREG command (0x09).
Table 35. ARC_B default code for available Reader protocols
Communication
protocol
Default
value
Recommended
values for ST95HF
demo board
Possible
Modulation Index
values (MS nibble)
Possible Receiver
Gain values
(LS nibble)
ISO/IEC 14443
Type A reader
0xDF
0xD7
0xD
0x0, 0x1, 0x3, 0x7 or
0xF
ISO/IEC 14443
Type B reader
0x2F
0x37
0x1, 0x2, 0x3 or 0x4
0x0, 0x1, 0x3, 0x7
or 0xF
ISO/IEC 18092
reader
0x5F
0x23
0x1, 0x2, 0x3 or 0x4
0x0, 0x1, 0x3, 0x7
or 0xF
ISO/IEC 15693
reader 30%
0x53
0x53
0x4, 0x5 or 0x6
0x0, 0x1, 0x3, 0x7
or 0xF
ISO/IEC 15693
reader 100%
0xD3
0xD3
0xD
0x0, 0x1, 0x3, 0x7
or 0xF
Table 36. ACC_A default code for available Card Emulation protocols
Communication
protocol
Default
value
Recommended
values for ST95HF
demo board
Possible
Demodulator
Sensitivity values
(MS nibble)
Possible Load
Modulation Index
values (LS nibble)
ISO/IEC 14443
Type A
0x27
0x27
0x2
From 0x1 to 0xF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com