Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 44Page - STMicroelectronics ST95HF Datasheet HTML 45Page - STMicroelectronics ST95HF Datasheet HTML 46Page - STMicroelectronics ST95HF Datasheet HTML 47Page - STMicroelectronics ST95HF Datasheet HTML 48Page - STMicroelectronics ST95HF Datasheet HTML 49Page - STMicroelectronics ST95HF Datasheet HTML 50Page - STMicroelectronics ST95HF Datasheet HTML 51Page - STMicroelectronics ST95HF Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 93 page
background image
Commands
ST95HF
48/93
DocID025630 Rev 4
5.11.3
Improving RF reception for ISO/IEC 18092 tags
To improve ST95HF reception when communicating with ISO/IEC 18092 tags, it is possible
to enable an AutoDetect filter to synchronize ISO/IEC 18092 tags with the ST95HF. This
can be done using the Write Register (WRREG) command to enable the AutoDetect filter.
By default, this filter is disabled after the execution of the PROTOCOLSELECT command, but it
can be enabled using the WRREG command (0x09).
5.12
Subcarrier frequency response (0x0B) description
The SubFreqRes command (0x0B) returns the most recent subcarrier frequency detected
for ISO/IEC 18092 communication.
Table 37. WRREG command description (Timer Window)
Direction
Data
Comments
Example
Host to
ST95HF
0x09
Command code
>>>0x09043A005804
Set recommended TimerW
value.
0x03
or
0x04
Length of data
0x3A
Timer Window (TimerW) value
0x00
or
0x01
Flag Increment address or not after Write
command
0xXX
Set TimerW value (recommended value is
0x56 or 0x58)
0x04
TimerW value confirmation
ST95HF to
Host
0x00
Result code
<<<0x0000
Register written
0x00
Length of data (= RegCount)
Table 38. WRREG command description (AutoDetect Filter)
Direction
Data
Comments
Example
Host to
ST95HF
0x09
Command code
>>>0x09040A0102A1
Enable the AutoDetect filter.
0x03
or
0x04
Length of data
0x0A
AutoDetect filter control value
0x00
or
0x01
Flag Increment address or not after Write
command
0x02
AutoDetect filter enable
0xA1
AutoDetect filter confirmation
ST95HF to
Host
0x00
Result code
<<<0x0000
Register written
0x00
Length of data (= RegCount)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com