Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 65Page - STMicroelectronics ST95HF Datasheet HTML 66Page - STMicroelectronics ST95HF Datasheet HTML 67Page - STMicroelectronics ST95HF Datasheet HTML 68Page - STMicroelectronics ST95HF Datasheet HTML 69Page - STMicroelectronics ST95HF Datasheet HTML 70Page - STMicroelectronics ST95HF Datasheet HTML 71Page - STMicroelectronics ST95HF Datasheet HTML 72Page - STMicroelectronics ST95HF Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 93 page
background image
DocID025630 Rev 4
69/93
ST95HF
Examples of ST95HF command code to activate NFC Forum and ISO/IEC 15693 tags
92
Appendix D
Examples of ST95HF command code to
activate NFC Forum and ISO/IEC 15693 tags
The following script works on the DEMO_CR95HF evaluation board and with the ST95HF
development software available on www.st.com.
This section provides examples of ST95HF command code used to activate NFC Forum
and ISO/IEC 15693 tags using ST95HF development software.
CR95HFDLL_STCMD
: Is the standard ST95HF frame exchange command. In this command,
the first byte 01 is not sent, it is only requested by the ST95HF development software in
order to recognize if it is a user or service command.
CR95HFDLL_SENDRECV
: Is the encapsulated ST95HF SendReceive command for which
command codes, number of bytes, and CRC are automatically appended to the parameter.
In this section,
The ST95HF command overhead (command code, length of data and transmission
flag) is in black.
The Tag instruction is in blue.
The ST95HF response overhead (result code, length of data and status) is in green.
The Tag response is in red.
When the CRC append option is set in the Protocol Select command, the CRC is
automatically appended by the ST95HF, but the CRC is not visible in the instruction log file.
When the CRC is present in the command or response, CRC reply is in italics.
The following symbols correspond to:
>>> Frame sent by Host to ST95HF
<<< Frame received by Host from ST95HF
D.1
ISO/IEC 14443 Type A
D.1.1
NFC Forum Tag Type 1 (Topaz)
REM,
ST95HF code example to support NFC Forum Tag Type 1 14443_A
REM,
TEST TOPAZ 14443A (UID 6E567A00)
REM,
first byte 01 in CR95HFDLL_STCMD is only requested by ST95HF
Development SW
REM,
RFOFF
>>> CR95HFDLL_STCMD, 01 02020000
<<< 0000
REM,
TEST
TOPAZ
14443A (UID 6E567A00)
REM,
Sel Prot 14443A
option TOPAZ
>>> CR95HFDLL_STCMD, 01 020402000300
<<< 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com