Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 26Page - STMicroelectronics ST95HF Datasheet HTML 27Page - STMicroelectronics ST95HF Datasheet HTML 28Page - STMicroelectronics ST95HF Datasheet HTML 29Page - STMicroelectronics ST95HF Datasheet HTML 30Page - STMicroelectronics ST95HF Datasheet HTML 31Page - STMicroelectronics ST95HF Datasheet HTML 32Page - STMicroelectronics ST95HF Datasheet HTML 33Page - STMicroelectronics ST95HF Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
Commands
ST95HF
30/93
DocID025630 Rev 4
Figure 11. Data transfer (in both command and response) when Parity Framing mode
is enabled
ISO/IEC
18092
NFC
Forum Tag
Type 3
Send example
04
05
00FFFF0000
Example of an ISO/IEC 18092 / NFC
Forum Type 3 request sequence:
>>>0x040500FFFF0000 (REQC)
<<<0x801201010102148E0DB41310
0B4B428485D0FF00 (ATQC)
Command code
Length of entire data field
Data
1. For more information on using split frames, refer to Appendix D on page 69.
2. If Parity Framing mode is used (Bit 4 of transmission flag byte is set to ‘1’), then the parity bit must be
coded inside the data for each byte to be sent using the send/receive command in Transmit mode, and is
not decoded by the ST95HF in Receive mode. In Receive mode, each data byte is accompanied by an
additional byte which encodes the parity: <data byte> <parity byte> <data byte > ...
Examples of data received by send / receive in Parity Framing mode:
80 05 32 80 34 00 00
meaning: if the ST95HF received 2 data bytes:
0x32 with parity = ‘1’ (0x80) and 0x34 with parity = ‘0’ (0x0) in Parity Framing mode. For more details,
see NFC Forum Tag Type 2 on page 75.
The Parity Framing mode is compatible with MIFARE® Classic requirements. However, access to
Authenticated state must be supported by the external secure host which embeds the MIFARE® Classic
library.
Table 18. List of <Data> Response values for the SENDRECV command for different
protocols
Protocol Explanation
Response example
Comments
ISO/IEC
15693
Response
example
80 08
0000000000
77CF
00
This is a response to Read
Single Block command for
ISO/IEC 15693 TAG. Actual
TAG response is
<<<0x000000000077CF,
other fields are added by the
ST95HF.
Result code
Length of entire data
field
Data received from tag
Original (received) value of CRC
[7:2]: RFU
1: CRC error if set
0: Collision is detected if set
Table 17. List of <Data> Send values for the SENDRECV command for different
protocols (continued)
Protocol
Explanation
Command example
Comments
Bytes
X X X X X X X X
2nd CRC
Data Byte
sent or
P 0 0 0 0 0 0 0
Parity Byte
.... .... ....
P 0 0 0 0 0 0 0
2nd CRC Byte
Parity Byte
received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com