Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 50Page - STMicroelectronics ST95HF Datasheet HTML 51Page - STMicroelectronics ST95HF Datasheet HTML 52Page - STMicroelectronics ST95HF Datasheet HTML 53Page - STMicroelectronics ST95HF Datasheet HTML 54Page - STMicroelectronics ST95HF Datasheet HTML 55Page - STMicroelectronics ST95HF Datasheet HTML 56Page - STMicroelectronics ST95HF Datasheet HTML 57Page - STMicroelectronics ST95HF Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 93 page
background image
Electrical characteristics
ST95HF
54/93
DocID025630 Rev 4
2. This consumption can be reduced to approximately 2 µA (typ.) by setting a control bit (bit HF2RF) to ‘1’ using command
090468010710
. In this case, Reader mode is not available.
To re-enable Reader mode, reset the HF2RF bit to ‘0’ using the command 090468010700 or execute a new
PROTOCOLSELECT command.
3. The maximum differential input voltage between pins RX1 and RX2 (VRx1-Rx2) has a peak-peak of 18 V.
Table 48. Power consumption characteristics (VPS_TX from 4.5 to 5.5 V)
Symbol
Parameter
Condition
Typ.
Max.
Unit
ICC RF (VPS_TX)
RF Field ON
Supply current in RF Field (Reader mode) (1)
TA = 25 °C
120
200
mA
ICC RF (VPS_TX)
RF Field OFF
Supply current in RF Field (Ready mode) (2)
TA = 25 °C
-
300
µA
ICC RF (VPS_TX)
Tag Detect
Peak(3) current during Burst detection
TA = 25 °C
120
200
mA
1. Parameter measured using recommended output matching network. (Z load is 16
Ω and 0°).
2. This consumption can be reduced to approximately 2 µA (typ.) by setting a control bit (bit HF2RF) to ‘1’ using command
090468010710
. In this case, Reader mode is not available.
To re-enable Reader mode, reset the HF2RF bit to ‘0’ using the command 090468010700 or execute a new
PROTOCOLSELECT command.
3. The maximum differential input voltage between pins RX1 and RX2 (VRx1-Rx2) has a peak-peak of 18 V. This voltage can
be limited by adding a damping resistor in parallel of the antenna or between ST_R0 and Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com