Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 14Page - STMicroelectronics ST95HF Datasheet HTML 15Page - STMicroelectronics ST95HF Datasheet HTML 16Page - STMicroelectronics ST95HF Datasheet HTML 17Page - STMicroelectronics ST95HF Datasheet HTML 18Page - STMicroelectronics ST95HF Datasheet HTML 19Page - STMicroelectronics ST95HF Datasheet HTML 20Page - STMicroelectronics ST95HF Datasheet HTML 21Page - STMicroelectronics ST95HF Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
Communication protocols
ST95HF
18/93
DocID025630 Rev 4
4.3
Support of long frames
In Reader mode it is possible to receive up to 528 bytes of frame data from VICC and Type-
B cards and up to 256 bytes of frame data from Type-A cards. In this case, the device sends
a reply to the external MCU in the following format:
<ResultCode> + <Len> + <N bytes of data>
Figure 10. Long frame format
The number of databytes is 10-bit long.
Table 7. Format of ResultCode
Bit
Meaning
7
Always 1
6
Bit 9 of Length
See examples and explanation below
5
Bit 8 of Length
4
If set, there are residual bits in the last byte. Applicable only for Type-A protocol.
3:0
Always 0
Table 8. Examples of ResultCode: Len pairs
ResultCode
Len
Length of data
0x80
0x00
0
0x80
0x01
1
0x80
0xFF
255
0xA0
0x00
256
0xA0
0x01
257
0xA0
0xFF
511
0xC0
0x00
512
0xC0
0x01
513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com