Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 29Page - STMicroelectronics ST95HF Datasheet HTML 30Page - STMicroelectronics ST95HF Datasheet HTML 31Page - STMicroelectronics ST95HF Datasheet HTML 32Page - STMicroelectronics ST95HF Datasheet HTML 33Page - STMicroelectronics ST95HF Datasheet HTML 34Page - STMicroelectronics ST95HF Datasheet HTML 35Page - STMicroelectronics ST95HF Datasheet HTML 36Page - STMicroelectronics ST95HF Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
DocID025630 Rev 4
33/93
ST95HF
Commands
92
The ECHO command (0x55) allows exiting Listening mode. In response to the ECHO
command, the ST95HF sends 0x55 + 0x8500 (error code of the Listening state cancelled by
the MCU).
Possible return codes are listed in Table 21.
If the request from the Reader was received and decoded correctly, the ST95HF will send
data back to the Host (Card Emulation application). This is explained in Table 22.
Table 21. Response codes from the ST95HF in Listening mode
Direction
Data
Comments
Example
ST95HF to
Host
80
Result code
<<<0x800605000071FF00
The request from the Reader is
decoded. This is an example of a
response in ISO/IEC 14443 Type B
protocol.
<Len>
Length of data
<Data>
Data received. Interpretation
depends on protocol
ST95HF to
Host
85
Error code
<<<0x8500
Listening mode was
cancelled by the application
00
Length of data
ST95HF to
Host
86
Error code
<<<0x8600
Communication error
00
Length of data
ST95HF to
Host
88
Error code
<<<0x8800
Invalid SOF
00
Length of data
ST95HF to
Host
89
Error code
<<<0x8900
Receive buffer overflow
(too many bytes received)
00
Length of data
ST95HF to
Host
8A
Error code
<<<0x8A00
Framing error (start bit=0,
stop bit=1)
00
Length of data
ST95HF to
Host
8B
Error code
<<<0x8B00
EGT time out (for
ISO/IEC 14443-B)
00
Length of data
ST95HF to
Host
8D
Error code
<<<0x8D00
CRC error (Used in NFC
Forum Tag Type 3 protocol)
00
Length of data
ST95HF -
Host
8E
Error code
<<<0x8E00
Reception lost without
EOF received
00
Length of data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com