Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 82Page - STMicroelectronics ST95HF Datasheet HTML 83Page - STMicroelectronics ST95HF Datasheet HTML 84Page - STMicroelectronics ST95HF Datasheet HTML 85Page - STMicroelectronics ST95HF Datasheet HTML 86Page - STMicroelectronics ST95HF Datasheet HTML 87Page - STMicroelectronics ST95HF Datasheet HTML 88Page - STMicroelectronics ST95HF Datasheet HTML 89Page - STMicroelectronics ST95HF Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 93 page
background image
Card emulation communication
ST95HF
86/93
DocID025630 Rev 4
Appendix E
Card emulation communication
The following information is a log of basic exchanges between the CR95HF transceiver and
ST95HF card emulator.
CR95HFDLL_STCMD
: Is the standard ST95HF frame exchange command. In this command,
the first byte 01 is not sent, it is only requested by the ST95HF development software in
order to recognize if it is a user or service command.
CR95HFDLL_SENDRECV
: Is the encapsulated CR95HF SendReceive command for which
command codes, number of bytes, and CRC are automatically appended to the parameter.
In this section,
The CR95HF data exchanges are in blue.
The ST95HF card emulation data exchanges are in green.
The CR95HF and ST95HF command overhead (command code, length of data and
transmission flag) is in bold.
The CRC value is in red.
When the CRC append option is set in the Protocol Select command, the CRC is
automatically appended by the ST95HF, but the CRC is not visible in the instruction log file.
When the CRC is present in the command or response, CRC reply is in italics.
The following symbols correspond to:
>>> Frame sent by Host to ST95HF
<<< Frame received by Host from ST95HF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com