Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 35Page - STMicroelectronics ST95HF Datasheet HTML 36Page - STMicroelectronics ST95HF Datasheet HTML 37Page - STMicroelectronics ST95HF Datasheet HTML 38Page - STMicroelectronics ST95HF Datasheet HTML 39Page - STMicroelectronics ST95HF Datasheet HTML 40Page - STMicroelectronics ST95HF Datasheet HTML 41Page - STMicroelectronics ST95HF Datasheet HTML 42Page - STMicroelectronics ST95HF Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
DocID025630 Rev 4
39/93
ST95HF
Commands
92
5.9.3
Optimizing wake-up conditions
Using the Wake-up source register, it is possible to cumulate sources for a wake-up event. It
is strongly recommended to always set an external event as a possible wake-up source.
To cumulate wake-up sources, simply set the corresponding bits in the Wake-up source
register. For example, to enable a wake-up when a tag is detected (bit 1 set to ‘1’) or on a
low pulse on pin IRQ_IN (bit 3 set to ‘1’), set the register to 0x0A.
5.9.4
Using various techniques to return to Ready state
The Idle command and reply set offers several benefits to users by enabling various
methods to return the ST95HF to Ready state. Some methods are nearly automatic, such
as waiting for a timer overflow or a tag detection, but others consume more power compared
to the ones requesting a host action. A description of each method follows below.
Default setting: from POR to Ready state
After power-on, the ST95HF enters Power-up state.
To wake up the ST95HF and set it to Ready state, the user must send a low pulse on the
IRQ_IN pin. The ST95HF then automatically selects the external interface (SPI) and enters
Ready state and is able to accept commSands after a delay of approximately 6 ms (t3).
From Ready state to Hibernate state and back to Ready state
In Hibernate state, most resources are switched off to achieve an ultra-low power
consumption.
The only way the ST95HF can wake-up from Hibernate state is by an external event (low
pulse on pin IRQ_IN).
A basic Idle command is:
>>>0x07 0E 08 04 00 04 00 18 00 00 00 00 00 00 00 00
Note:
The Wake-up flag value is NOT significant when returning to Ready state from Hibernate
state or after a POR.
From Ready state to Sleep state and back to Ready state
Wake-up by external event (low pulse on IRQ_IN or SPI_SS pin)
In Sleep or Power-up states, operating resources are limited in function of the selected
wake-up source to achieve a moderate power consumption level.
An Idle command example when wake-up source is pin IRQ_IN:
>>>0x07 0E 08 01 00 38 00 18 00 00 60 00 00 00 00 00
A similar command can be implemented using pin SPI_SS as a wake-up source:
>>>0x07 0E 10 01 00 38 00 18 00 00 60 00 00 00 00 00
Wake-up by timeout
The LFO is required to use the timer. However, this increases the typical power
consumption by 80 µA. Several parameters can be modified to reduce power consumption
as much as possible.
The Duration before Timeout is defined by parameters WU period and MaxSleep,
respectively 0x60 and 0x08 in the following example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com