Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 41Page - STMicroelectronics ST95HF Datasheet HTML 42Page - STMicroelectronics ST95HF Datasheet HTML 43Page - STMicroelectronics ST95HF Datasheet HTML 44Page - STMicroelectronics ST95HF Datasheet HTML 45Page - STMicroelectronics ST95HF Datasheet HTML 46Page - STMicroelectronics ST95HF Datasheet HTML 47Page - STMicroelectronics ST95HF Datasheet HTML 48Page - STMicroelectronics ST95HF Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 93 page
background image
DocID025630 Rev 4
45/93
ST95HF
Commands
92
How to modify Analog Register Configuration register (ARC_B) values
1.
Use the PROTOCOLSELECT command (0x02) to select the correct communication
protocol.
For example, to select the ISO/IEC 18092 protocol:
Send PROTOCOLSELECT command:
>>>0x02020451
ST95HF reply:
<<<0x0000
2.
Read the Analog Register Configuration register (ARC_B) value.
a)
Write the ARC_B register index at 0x01:
>>>0x0903680001
ST95HF reply:
<<<0x0000
b)
Read the ARC_B register value:
>>>0x0803690100
ST95HF reply:
<<<0x015F
In this example, the ARC_B register value is 0x5F, where “5” is the Modulation Index
and “F” is the Receiver Gain.
3.
Modify the Modulation Index and Receiver Gain values with 0x23.
Write the ARC_B register index:
>>>0x090468010123
ST95HF reply:
<<<0x0000
4.
Read the Analog Configuration register (ARC_B) value.
a)
Write the ARC_B register index at 0x01:
>>>0x0903680001
ST95HF reply:
<<<0x0000
b)
Read the ARC_B register value:
>>>0x0803690100
ST95HF reply:
<<<0x0123
Modulation Index and Receiver Gain values
.
ST95HF to
Host
0x00
Result code
<<<0x0000
Register written
0x00
Length of data (= RegCount)
1. This command must be executed before reading the ACC_A register (0x0903680004).
Table 31. Possible Modulation Index values
Code
123
456
D
Modulation Index (1)
1. Characterized only using ISO/IEC 10373 test set-up.
10%
17%
25%
30%
33%
36%
95%
Table 32. Possible Receiver Gain values
Code
01
37
F
Receiver Gain (1)
1. Characterized by design simulation.
34 dB
32 dB
27 dB
20 dB
8 dB
Table 30. WRREG command description (Load Modulation Index and Demodulator
Sensitivity) (continued)
Direction
Data
Comments
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com