Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 22Page - STMicroelectronics ST95HF Datasheet HTML 23Page - STMicroelectronics ST95HF Datasheet HTML 24Page - STMicroelectronics ST95HF Datasheet HTML 25Page - STMicroelectronics ST95HF Datasheet HTML 26Page - STMicroelectronics ST95HF Datasheet HTML 27Page - STMicroelectronics ST95HF Datasheet HTML 28Page - STMicroelectronics ST95HF Datasheet HTML 29Page - STMicroelectronics ST95HF Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 93 page
background image
Commands
ST95HF
26/93
DocID025630 Rev 4
5.5
Pollfield command (0x03) description
This command returns the current value of the FieldDet flag.
The result of this command depends on the protocol selected. If we select a Reader mode
protocol, the flag FieldDet is set to ‘1’ because the RF field is turned ON by the reader.
Table 14. POLLFIELD command description
Direction
Data
Comments
Example
Host to
ST95HF
03
Command code
>>>0x0300 Check if RF Field
is ON or OFF
>>> 0x0303010FFF
- Wait for RF
Field appearance for (16*256)/13.56 µs
Flags
, Presc and Timer parameters
are optional. They must be specidfied if
the application has to wait for RF field
appearance or disappearance.
The time to wait is
(Presc+1)*(Timer+1)/13.56 µs.
<Len>
Length of data
<Flags>
RF field presence
(Optional):
01
: Wait for RF field
appearance
00
: Wait for RF field
disappearance
<Presc>
Timer prescaler (Optional)
<Timer>
Timer time-out (Optional)
ST95HF to
Host
00
Result code
<<<0x0000 or 0x000100
(No RF
field detected) or 0x000101 (RF field
detected)
01
Length of data
<FieldDet>
01
, if FieldDet is set.
Otherwise, 00.
Table 15. Response for <POLLFIELD> command
Function
Explanation
Response example
Comments
Pollfield
Response
00
01
01 or 00
This command returns the
current state of the RF
field.
<<<0x0000 or
0x000100
(No RF field
detected) or 0x000101
(RF field detected)
Result code
Length of data field
Bits [7:1]: RFU
Bit 0: Field detected (if set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com