Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 83Page - STMicroelectronics ST95HF Datasheet HTML 84Page - STMicroelectronics ST95HF Datasheet HTML 85Page - STMicroelectronics ST95HF Datasheet HTML 86Page - STMicroelectronics ST95HF Datasheet HTML 87Page - STMicroelectronics ST95HF Datasheet HTML 88Page - STMicroelectronics ST95HF Datasheet HTML 89Page - STMicroelectronics ST95HF Datasheet HTML 90Page - STMicroelectronics ST95HF Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 93 page
background image
DocID025630 Rev 4
87/93
ST95HF
Card emulation communication
92
Table 58. Example logs
Comment
CR95HF Reader
ST95HF Card Emulation
Comment
Exchange: Host -> Reader
CR95
ST95
Exchange: Host -> Card Emulator
Set
Reader
Config.
ISO/IEC
14443
Type A at
106 Kbps
--
REM, DEMO ST95HF for Card
Emulation Exchange
REM, 0A
REM, Check serial com with host
>>> ST95HFDLL_ECHO
<<< 5500
>>> ST95HFDLL_IDN
<<<
000F4E4643204653324A41535434002
ACE
Check
ST95HF
connection
to Host
--
REM, POLLFIELD
>>> ST95HFDLL_STCMD, 01 0300
<<< 000100
No Field
detected
REM, Reader for Card Emulation Test
Max waiting time for manual exchange
REM, 0B
>>> CR95HFDLL_STCMD, 01
020402000A05
<<< 0000
-
REM, Select Emulation Tag Mode
14443A
>>> ST95HFDLL_STCMD, 01
02021208
<<< 0000
Set
ST95HF
config.
Card Emu-
lator
ISO/IEC
14443 Type
A at 106
Kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com