Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 21Page - STMicroelectronics ST95HF Datasheet HTML 22Page - STMicroelectronics ST95HF Datasheet HTML 23Page - STMicroelectronics ST95HF Datasheet HTML 24Page - STMicroelectronics ST95HF Datasheet HTML 25Page - STMicroelectronics ST95HF Datasheet HTML 26Page - STMicroelectronics ST95HF Datasheet HTML 27Page - STMicroelectronics ST95HF Datasheet HTML 28Page - STMicroelectronics ST95HF Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
DocID025630 Rev 4
25/93
ST95HF
Commands
92
Table 13. List of <Parameters> values for different protocols (Card Emulation)
Protocol
(Card)
Code
Parameters
Examples of commands
Comments
Byte
Bit
Function
ISO/IEC
14443
Type A (1)
0x12
0
7:6
Transmission data rate
00
: 106 Kbps
01
: 212 Kbps (2)
10
: 424 Kbps (2)
11
: RFU
>>>0x02021208
<<<0x0000
Card Emulation for ISO/IEC
14443 Type A, Data rate is
106 Kbps for both up- and
down-links.
5:4
Reception data rate
00
: 106 Kbps
01
: 212 Kbps (2)
10
: 424 Kbps (2)
11
: RFU
3
0
: Return an error, if no RF field
1
: Wait for RF field
2RFU
1
0
: HFO
1
: ClkRec
0RFU
1. Topaz is not supported in Card Emulation mode.
2. Not qualified for this version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com