Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 16Page - STMicroelectronics ST95HF Datasheet HTML 17Page - STMicroelectronics ST95HF Datasheet HTML 18Page - STMicroelectronics ST95HF Datasheet HTML 19Page - STMicroelectronics ST95HF Datasheet HTML 20Page - STMicroelectronics ST95HF Datasheet HTML 21Page - STMicroelectronics ST95HF Datasheet HTML 22Page - STMicroelectronics ST95HF Datasheet HTML 23Page - STMicroelectronics ST95HF Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 93 page
background image
Commands
ST95HF
20/93
DocID025630 Rev 4
5.3
IDN command (0x01) description
The IDN command (0x01) gives brief information about the ST95HF and its revision.
It takes approximately 6 ms to calculate the CRC for the entire ROM. The application must
allow sufficient time for waiting for a response for this command.
0x09
WRREG
Writes Analog Register Configuration (ACC_A or ARC_B)) register
or writes index of ACC_A or ARC_B register address.
Writes the Timer Window (TimerW) value dedicated to ISO/IEC
14443 Type A tags.
Writes the AutoDetect Filter enable register dedicated to ISO/IEC
18092 tags.
0x0B
SubFreqRes
Returns the most recent subcarrier frequency detected for ISO/IEC
18092 communication.
0x0D
ACFILTER
Enables or disables the anti-collision filter for ISO/IEC 14443 Type
A protocol.
0x55
ECHO
ST95HF performs a serial interface ECHO command (reply data
0x55
or stops the Listening state when a listen command has been
sent without error).
Other codes
ST Reserved
Table 9. List of ST95HF commands (continued)
Code
Command
Description
Table 10. IDN command description
Direction
Data
Comments
Example
Host to
ST95HF
0x01
Command code
>>>0x0100
0x00
Length of data
ST95HF to
Host
0x00
Result code
<<<0x000F4E4643204653324A415354
34002ACE
In this example,
<<<0x4E4643204653324A4153543400
: ‘NFC FS2JAST4’, #4 (Last Character of
NFC FS2JAST4 means ROM code
revision 4.)
0x2ACE
: CRC of ROM (real CRC may
differ from this example)
<Len>
Length of data
<Device ID>
Data in ASCII format (13
bytes)
<ROM CRC>
CRC calculated for ROM
content (2 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com