Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 40Page - STMicroelectronics ST95HF Datasheet HTML 41Page - STMicroelectronics ST95HF Datasheet HTML 42Page - STMicroelectronics ST95HF Datasheet HTML 43Page - STMicroelectronics ST95HF Datasheet HTML 44Page - STMicroelectronics ST95HF Datasheet HTML 45Page - STMicroelectronics ST95HF Datasheet HTML 46Page - STMicroelectronics ST95HF Datasheet HTML 47Page - STMicroelectronics ST95HF Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
Commands
ST95HF
44/93
DocID025630 Rev 4
Load Modulation Index and Demodulator Sensitivity parameters for Card
Emulation mode
The default value of these parameters (Table 35) is set by the PROTOCOLSELECT command,
but they can be overwritten using the Write Register (WRREG) command (0x09). Table 33
and Table 34 list possible values for the Load Modulation Index and Demodulator Sensitivity
parameters respectively.
This new configuration is valid until a new PROTOCOLSELECT or Write Register (of register
ACC_A) command is executed. Register values are cleared at power off.
Table 29. WRREG command description (Modulation Index and Receiver Gain)
Direction
Data
Comments
Example
Host to
ST95HF
0x09
Command code
>>>0x090468010113
Update ARC_B value to 0x13
>>>0x0903680001
Set Analog Register Index to
0x01 (ARC_B) (1)
1. This command must be executed before reading the ARC_B register (0x0803690100).
0x03
or
0x04
Length of data
0x68
Analog Register Configuration address
index
0x00
or
0x01
Flag Increment address or not after Write
command
0x01
Index pointing to the Modulation Index and
Receiver Gain values in the ARC_B
register (0x01) (see Section 5.11.1)
0xXX
New value for Modulation Index and
Receiver Gain nibbles (see Section 5.11.1)
ST95HF to
Host
0x00
Result code
<<<0x0000
Register written
0x00
Length of data (= RegCount)
Table 30. WRREG command description (Load Modulation Index and Demodulator
Sensitivity)
Direction
Data
Comments
Example
Host to
ST95HF
0x09
Command code
>>>0x0903680004
Set Analog Register Index to
0x04 (ACC_A) (1)
>>>0x090468010425
Update ACC_A to 0x25
0x03
or
0x04
Length of data
0x68
Analog Register Configuration address
index
0x00
or
0x01
Flag Increment address or not after Write
command
0x04
Index pointing to the Demodulator
Sensitivity and Load Modulation values in
ACC_A register (0x04) (see
Section 5.11.1)
0xXX
New value for Demodulator Sensitivity and
Load Modulation (see Section 5.11.1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com