Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 23Page - STMicroelectronics ST95HF Datasheet HTML 24Page - STMicroelectronics ST95HF Datasheet HTML 25Page - STMicroelectronics ST95HF Datasheet HTML 26Page - STMicroelectronics ST95HF Datasheet HTML 27Page - STMicroelectronics ST95HF Datasheet HTML 28Page - STMicroelectronics ST95HF Datasheet HTML 29Page - STMicroelectronics ST95HF Datasheet HTML 30Page - STMicroelectronics ST95HF Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
DocID025630 Rev 4
27/93
ST95HF
Commands
92
5.6
Send Receive (SendRecv) command (0x04) description
This command sends data to a contactless tag and receives its reply.
Before sending this command, the Host must first send the PROTOCOLSELECT command to
select an RF communication protocol.
If the tag response was received and decoded correctly, the <Data> field can contain
additional information which is protocol-specific. This is explained in Table 17.
Table 16. SENDRECV command description
Direction
Data
Comments
Example
Host to
ST95HF
0x04
Command code
See Table 17 and Table 26 for detailed
examples.
<Len>
Length of data
<Data>
Data to be sent
ST95HF to
Host
0x80
Result code
<<<0x800F5077FE01B30000000000
71718EBA00
The tag response is decoded. This is an
example of an ISO/IEC 14443 ATQB
response (Answer to Request Type B)
<Len>
Length of data
<Data>
Data received.
Interpretation depends on
protocol
ST95HF to
Host
0x90
Result code
<<<0x90040x240000 (exception for
4-bit frames where ‘x’ represents ACK
or NAK value)
90
: Result code for “non-integer
number of bytes are received”
04
: total length of data
0A or 00: Data
24
: “2” means no CRC, “4” means 4
significant bits in Data byte.
00 00
: No collision in response
Example ACK
<<< 0x90040A240000
Example NAK
<<< 0x900400240000
<Len>
Length of data
ACK
or NAK
ISO 14443-A
ACK or NAK detection
xx yy zz
3-byte response flag
analysis
xx: Error type and number of significant
bits in first data byte
yy: First byte collision
zz: First bit collision (1)
ST95HF to
Host
X0 + <Len> + Data (see Support of long frames on page 18)
ST95HF to
Host
0x86
Error code
<<<0x8600
Communication error
0x00
Length of data
ST95HF to
Host
0x87
Error code
<<<0x8700
Frame wait time out or no
tag
0x00
Length of data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com