Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 252 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 252 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 248Page - Exar Corporation XRT7250 Datasheet HTML 249Page - Exar Corporation XRT7250 Datasheet HTML 250Page - Exar Corporation XRT7250 Datasheet HTML 251Page - Exar Corporation XRT7250 Datasheet HTML 252Page - Exar Corporation XRT7250 Datasheet HTML 253Page - Exar Corporation XRT7250 Datasheet HTML 254Page - Exar Corporation XRT7250 Datasheet HTML 255Page - Exar Corporation XRT7250 Datasheet HTML 256Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
233
Bit 1 (RxLAPD Interrupt Enable) within the RxDS3
LAPD Control Register, as indicated below.
Writing a “1” into this bit-field enables the Receive
LAPD Message Interrupt. Conversely, writing a “0”
into this bit-field disables the Receive LAPD Message
interrupt.
Servicing the Receive LAPD Message Interrupt
Whenever the XRT7250 Framer IC generates this in-
terrupt, it will do the following.
• It will assert the Interrupt Request output pin (INT)
by driving it "Low".
• It will set Bit 0 (RxLAPD Interrupt Status), within the
Rx DS3 LAPD Control Register to “1”, as indicated
below.
• It will write the contents of this newly Received
LAPD Message into the Receive LAPD Message
buffer (located at 0xDE through 0x135).
Whenever the Terminal Equipment encounters the
Receive LAPD Interrupt, then it should read out the
contents of the Receive LAPD Message buffer, and
respond accordingly.
RXDS3 LAPD CONTROL REGISTER (ADDRESS = 0X18)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxLAPD
Enable
RxLAPD
Interrupt
Enable
RxLAPD
Interrupt
Status
RO
RO
RO
RO
RO
R/W
R/W
RUR
0
0000
0
X
0
RXDS3 LAPD CONTROL REGISTER (ADDRESS = 0X18)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxLAPD
Enable
RxLAPD
Interrupt
Enable
RxLAPD
Interrupt
Status
RO
RO
RO
RO
RO
R/W
R/W
RUR
0
0000
011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com