Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 249 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 249 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 245Page - Exar Corporation XRT7250 Datasheet HTML 246Page - Exar Corporation XRT7250 Datasheet HTML 247Page - Exar Corporation XRT7250 Datasheet HTML 248Page - Exar Corporation XRT7250 Datasheet HTML 249Page - Exar Corporation XRT7250 Datasheet HTML 250Page - Exar Corporation XRT7250 Datasheet HTML 251Page - Exar Corporation XRT7250 Datasheet HTML 252Page - Exar Corporation XRT7250 Datasheet HTML 253Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
230
4.3.6.2.8
The Detection of CP-Bit Error Inter-
rupt
If the Detection of CP-Bit Error Interrupt is enabled,
then the XRT7250 Framer IC will generate an inter-
rupt, anytime the Receive DS3 Framer block has de-
tected a CP-bit error, within the incoming DS3 data
stream.
Enabling and Disabling the Detection of CP-Bit
Error Interrupt:
The user can enable or disable the Detection of CP-
Bit Error Interrupt, by writing the appropriate value in-
to Bit 7 (CP-Bit Error Interrupt Enable) within the
RxDS3 Interrupt Enable Register, as illustrated below.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Detection of CP-Bit Error Interrupt
Whenever the XRT7250 Framer IC detects this inter-
rupt, it will do all of the following.
• It will assert the Interrupt Request output pin (INT)
by driving it "High".
• It will set Bit 7 (CP-Bit Error Interrupt Status) within
the Rx DS3 Interrupt Status Register, to “1”, as indi-
cated below.
Whenever the Terminal Equipment encounters the
Detection of CP-bit Error Interrupt, it should do the
following.
• It should read contents of PMON Frame CP-Bit
Error Count Register (located at 0x72 and 0x73), in
order to determine the number of CP-bit errors
recently received.
4.3.6.2.9
The Receive FEAC Message - Valida-
tion Interrupt
If the Receive FEAC Message - Validation Interrupt is
enabled, then the XRT7250 Framer IC will generate
an interrupt any time the Receive FEAC Processor
validates a new FEAC (Far-End Alarm & Control)
Message.
In particular, the Receive FEAC Processor will vali-
date a FEAC Message, it that same FEAC Message
has been received in 8 of the last 10 FEAC Message
receptions.
Enabling/Disabling the Receive FEAC Message -
Validation Interrupt
The user can enable or disable the Receive FEAC
Message - Validation Interrupt, by writing the appro-
priate data into Bit 1 (RxFEAC Valid Interrupt Enable)
within the RxDS3 FEAC Interrupt Enable/Status Reg-
ister, as indicated below.
RXDS3 INTERRUPT ENABLE REGISTER (ADDRESS = 0X12)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP Bit Error
Interrupt
Enable
LOS
Interrupt
Enable
AIS
Interrupt
Enable
Idle Interrupt
Enable
FERF
Interrupt
Enable
AIC
Interrupt
Enable
OOF
Interrupt
Enable
P-Bit Error
Interrupt
Enable
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000
RXDS3 INTERRUPT STATUS REGISTER (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP-Bit Error
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
Idle Interrupt
Status
FERF
Interrupt
Status
AIC
Interrupt
Status
OOF
Interrupt
Status
P-Bit Error
Interrupt
Status
RURRUR
RUR
RUR
RURRUR
RURRUR
10
000
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com