Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 245 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 245 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 241Page - Exar Corporation XRT7250 Datasheet HTML 242Page - Exar Corporation XRT7250 Datasheet HTML 243Page - Exar Corporation XRT7250 Datasheet HTML 244Page - Exar Corporation XRT7250 Datasheet HTML 245Page - Exar Corporation XRT7250 Datasheet HTML 246Page - Exar Corporation XRT7250 Datasheet HTML 247Page - Exar Corporation XRT7250 Datasheet HTML 248Page - Exar Corporation XRT7250 Datasheet HTML 249Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
226
If the AIS Condition is TRUE
1. The Local Terminal Equipment should transmit a
FERF (Far-End Receive Failure) to the Remote
Terminal Equipment. The XRT7250 Framer IC
automatically supports this action via the FERF-
upon-AIS feature.
2. It should transmit the appropriate FEAC Message
(per Bellcore GR-499-CORE), to the Remote Ter-
minal, indicating that a Service Affecting condi-
tion has been detected in the Local Terminal
Equipment.
If the AIS Condition is FALSE
1. The Local Terminal Equipment should cease
transmitting a FERF (Far-End Receive Failure)
indicator to the Remote Terminal Equipment.
The XRT7250 Framer IC automatically supports
this action via the FERF-upon-AIS feature.
2. It should transmit the appropriate FEAC Message
(per Bellcore GR-499-CORE) to the Remote Ter-
minal, indicates that the Service Affecting condi-
tion no longer exists.
4.3.6.2.4
The Change of State of Receive Idle
Interrupt
If the Change of State on Receive Idle Interrupt is en-
abled, then the XRT7250 Framer IC will generate an
interrupt in response to either of the following condi-
tions.
1. When the XRT7250 Framer IC detects an Idle
pattern, in the incoming DS3 data stream, and
2. When the XRT7250 Framer IC no longer detects
the Idle pattern in the incoming DS3 data stream.
Conditions causing the XRT7250 Framer IC to de-
clare an Idle condition
• If the Receive DS3 Framer block (within the
XRT7250 Framer IC) detects at least 63 DS3
frames, which contains the Idle pattern.
Conditions causing the XRT7250 Framer IC to
clear the Idle condition.
• Whenever, the Receive DS3 Framer block detects
63 DS3 frames, which do not contain the Idle pat-
tern.
Enabling and Disabling the Change of State on
Receive Idle Interrupt:
The user can enable or disable the Change of State
on Receive Idle Interrupt, by writing the appropriate
value into Bit 4 (Idle Interrupt Enable) within the
RxDS3 Interrupt Enable Register, as illustrated below.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Change of State on Receive Idle In-
terrupt
Whenever the XRT7250 Framer IC detects this inter-
rupt, it will do all of the following.
• It will assert the Interrupt Request Output pin (INT)
by driving it "Low".
• It will set Bit 4 (Idle Interrupt Status), within the Rx
DS3 Interrupt Status Register to “1”, as indicated
below.
RXDS3 CONFIGURATION & STATUS REGISTER (ADDRESS = 0X10)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxAIS
RxLOS
RxIdle
RxOOF
Reserved
Framing On
Parity
FSync
Algo
MSync
Algo
RO
RO
RO
RO
RO
RO
RO
RUR
00
000
000
RXDS3 INTERRUPT ENABLE REGISTER (ADDRESS = 0X12)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP Bit Error
Interrupt
Enable
LOS
Interrupt
Enable
AIS
Interrupt
Enable
Idle Interrupt
Enable
FERF
Interrupt
Enable
AIC
Interrupt
Enable
OOF
Interrupt
Enable
P-Bit Error
Interrupt
Enable
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com