Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 244 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 244 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 240Page - Exar Corporation XRT7250 Datasheet HTML 241Page - Exar Corporation XRT7250 Datasheet HTML 242Page - Exar Corporation XRT7250 Datasheet HTML 243Page - Exar Corporation XRT7250 Datasheet HTML 244Page - Exar Corporation XRT7250 Datasheet HTML 245Page - Exar Corporation XRT7250 Datasheet HTML 246Page - Exar Corporation XRT7250 Datasheet HTML 247Page - Exar Corporation XRT7250 Datasheet HTML 248Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
225
2. It should transmit the appropriate FEAC Message
(per Bellcore GR-499-CORE), to the Remote Ter-
minal Equipment, indicating that the Service
Affecting condition has been cleared.
4.3.6.2.3
The Change of State of Receive AIS
Interrupt
If the Change of State on Receive AIS (Alarm Indica-
tion Signal) Interrupt is enabled, then the XRT7250
Framer IC will generate an interrupt in response to ei-
ther of the following conditions.
1. When the XRT7250 Framer IC detects an AIS
pattern, in the incoming DS3 data stream, and
2. When the XRT7250 Framer IC no longer detects
the AIS pattern in the incoming DS3 data stream.
Conditions causing the XRT7250 Framer IC to de-
clare an AIS condition
• If the Receive DS3 Framer block (within the
XRT7250 Framer IC) detects at least 63 DS3
frames, which contains the AIS pattern.
Conditions causing the XRT7250 Framer IC to
clear the AIS condition.
• Whenever, the Receive DS3 Framer block detects
63 DS3 frames, which do not contain the AIS pat-
tern.
Enabling and Disabling the Change of State on
Receive AIS Interrupt:
The user can enable or disable the Change of State
on Receive AIS Interrupt, by writing the appropriate
value into Bit 5 (AIS Interrupt Enable) within the
RxDS3 Interrupt Enable Register, as illustrated below.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Change of State on Receive AIS In-
terrupt
Whenever the XRT7250 Framer IC detects this inter-
rupt, it will do all of the following.
• It will assert the Interrupt Request output pin (INT)
by driving it "Low".
• It will set Bit 5 (AIS Interrupt Status) within the
RxDS3 Interrupt Status Register, to “1”, as indi-
cated below.
Whenever the Terminal Equipment encounters a
Change in AIS on Receive interrupt, it should do the
following.
1. It should determine the current state of the AIS
condition. Recall, that this interrupt can gener-
ated, whenever the XRT7250 Framer declares or
clears the AIS defects. Hence, the user can
determine the current state of the AIS defect by
reading the state of Bit 7 (RxAIS), within the
RxDS3 Configuration & Status Registers, as illus-
trated below
RXDS3 INTERRUPT ENABLE REGISTER (ADDRESS = 0X12)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP Bit Error
Interrupt
Enable
LOS
Interrupt
Enable
AIS
Interrupt
Enable
Idle Interrupt
Enable
FERF
Interrupt
Enable
AIC
Interrupt
Enable
OOF
Interrupt
Enable
P-Bit Error
Interrupt
Enable
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000
RXDS3 INTERRUPT STATUS REGISTER (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP-Bit Error
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
Idle Interrupt
Status
FERF
Interrupt
Status
AIC
Interrupt
Status
OOF
Interrupt
Status
P-Bit Error
Interrupt
Status
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
0100
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com