Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 240 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 240 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 236Page - Exar Corporation XRT7250 Datasheet HTML 237Page - Exar Corporation XRT7250 Datasheet HTML 238Page - Exar Corporation XRT7250 Datasheet HTML 239Page - Exar Corporation XRT7250 Datasheet HTML 240Page - Exar Corporation XRT7250 Datasheet HTML 241Page - Exar Corporation XRT7250 Datasheet HTML 242Page - Exar Corporation XRT7250 Datasheet HTML 243Page - Exar Corporation XRT7250 Datasheet HTML 244Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
221
4.3.6
Receive Section Interrupt Processing
The Receive Section of the XRT7250 can generate
an interrupt to the Microcontroller/Microprocessor for
the following reasons.
• Change of State of Receive LOS (Loss of Signal)
condition
• Change of State of Receive OOF (Out of Frame)
condition
• Change of State of Receive AIS (Alarm Indicator
Signal) condition
• Change of State of Receive Idle Condition.
• Change of State of Receive FERF (Far-End
Receive Failure) condition.
• Change of State of AIC (Application Identification
Channel) bit.
• Detection of P-Bit Error in a DS3 frame
• Detection of CP-Bit Error in a DS3 frame
• The Receive FEAC Message - Validation Interrupt
• The Receive FEAC Message - Removal Interrupt
• Completion of Reception of a LAPD Message
4.3.6.1
Enabling Receive Section Interrupts
As mentioned in Section 1.6, the Interrupt Structure,
within the XRT7250 contains two hierarchical levels.
• Block Level
• Source Level
The Block Level
The Enable state of the Block level for the Receive
Section Interrupts dictates whether or not interrupts
(if enabled at the source level), are actually enabled.
The user can enable or disable these Receive Sec-
tion interrupts, at the Block Level by writing the appro-
priate data into Bit 7 (Rx DS3/E3 Interrupt Enable)
within the Block Interrupt Enable register (Address =
0x04), as illustrated below.
FIGURE 96. AN ILLUSTRATION OF THE BEHAVIOR OF THE SIGNALS BETWEEN THE RECEIVE PAYLOAD DATA OUTPUT
INTERFACE BLOCK OF THE XRT7250 AND THE TERMINAL EQUIPMENT (NIBBLE-MODE OPERATION).
Terminal Equipment Signals
XRT7250 Receive Payload Data I/F Signals
DS3 Frame Number N
DS3 Frame Number N + 1
Note: RxFrame pulses high to denote
DS3 Frame Boundary.
RxOutClk
Rx_Start_of_Frame
Rx_DS3_Clock_In
DS3_Data_In[3:0]
Nibble [0]
Nibble [1]
RxOutClk
RxFrame
RxClk
RxNib[3:0]
Nibble [0]
Nibble [1]
Recommended Sampling Edge of Terminal
Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com