Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 239 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 239 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 235Page - Exar Corporation XRT7250 Datasheet HTML 236Page - Exar Corporation XRT7250 Datasheet HTML 237Page - Exar Corporation XRT7250 Datasheet HTML 238Page - Exar Corporation XRT7250 Datasheet HTML 239Page - Exar Corporation XRT7250 Datasheet HTML 240Page - Exar Corporation XRT7250 Datasheet HTML 241Page - Exar Corporation XRT7250 Datasheet HTML 242Page - Exar Corporation XRT7250 Datasheet HTML 243Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
220
the very first nibble, within a given inbound DS3
frame, via the RxNib[3:0] output pins.
Interfacing the XRT7250 the Terminal Equipment.
Figure 95 presents a simple illustration as how the
user should interface the XRT7250 to that terminal
equipment which processes Receive Direction pay-
load data.
Required Operation of the Terminal Equipment
The XRT7250 will update the data on the RxNib[3:0]
line, upon the falling edge of RxClk. Hence, the Ter-
minal Equipment should sample the data on the Rx-
Nib[3:0] output pins (or the DS3_Data_In[3:0] input
pins at the Terminal Equipment) upon the rising edge
of RxClk. As the Terminal Equipment samples RxSer
with each rising edge of RxClk it should also be sam-
pling the RxFrame signal.
The Need for Sampling RxFrame
The XRT7250 will pulse the RxFrame output pin
"High" coincident with it driving the very first nibble of
a given DS3 frame, onto the RxNib[3:0] output pins.
If knowledge of the DS3 Frame Boundaries is impor-
tant for the operation of the Terminal Equipment, then
this is a very important signal for it to sample.
NOTE: For DS3/Nibble-Parallel Mode Operation, none of
the Overhead bits will be output via the RxNib[3:0] output
pins. Hence, the RxOH_Ind output pin will be in-active in
this mode.
The Behavior of the Signals between the Receive
Payload Data Output Interface block and the Ter-
minal Equipment
The behavior of the signals between the XRT7250
and the Terminal Equipment for DS3 Nibble-Mode op-
eration is illustrated in Figure 96.
FIGURE 95. ILLUSTRATION OF THE XRT7250 DS3/E3 FRAMER IC BEING INTERFACED TO THE RECEIVE SECTION OF
THE
TERMINAL EQUIPMENT (NIBBLE-MODE OPERATION)
Terminal Equipment
(Receive Payload Section)
XRT7250 DS3 Framer
DS3_Data_In[3:0]
Rx_DS3_Clock_In
Rx_Start_of_Frame
RxClk
RxFrame
11.184 MHz Clock Signal
RxNib[3:0]
RxLineClk
44.736 MHz
Clock Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com