Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 237 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 237 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 233Page - Exar Corporation XRT7250 Datasheet HTML 234Page - Exar Corporation XRT7250 Datasheet HTML 235Page - Exar Corporation XRT7250 Datasheet HTML 236Page - Exar Corporation XRT7250 Datasheet HTML 237Page - Exar Corporation XRT7250 Datasheet HTML 238Page - Exar Corporation XRT7250 Datasheet HTML 239Page - Exar Corporation XRT7250 Datasheet HTML 240Page - Exar Corporation XRT7250 Datasheet HTML 241Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
218
Operation of the Receive Payload Data Output In-
terface block
The Receive Payload Data Output Interface permits
the user to read out the payload data of inbound DS3
frames, via either of the following modes.
• Serial Mode
• Nibble-Parallel Mode
Each of these modes are described in detail, below.
4.3.5.1
Serial Mode Operation
Behavior of the XRT7250
If the XRT7250 has been configured to operate in the
Serial mode, then the XRT7250 will behave as fol-
lows.
Payload Data Output
The XRT7250 will output the payload data, of the in-
coming DS3 frames via the RxSer output, upon the
rising edge of RxClk.
Delineation of inbound DS3 Frames
The XRT7250 will pulse the RxFrame output pin
"High" for one bit-period, coincident with it driving the
first bit within a given DS3 frame, via the RxSer out-
put pin.
Interfacing the XRT7250 to the Receive Terminal
Equipment
Figure 93 presents a simple illustration as how the
user should interface the XRT7250 to that terminal
equipment which processes Receive Direction pay-
load data.
Required Operation of the Terminal Equipment
The XRT7250 will update the data on the RxSer out-
put pin, upon the rising edge of RxClk. However, be-
cause the rising edge of RxClk to data delay is be-
tween 14ns to 16ns, the Terminal Equipment should
sample the data on the RxSer output pin (or the
DS3_Data_In pin at the Terminal Equipment) upon
the rising edge of RxClk. This will still permit the Ter-
minal Equipment with a RxSer to RxClk set-up time of
approximately 6ns and a hold time of 14 to 16ns. As
the Terminal Equipment samples RxSer with each ris-
ing edge of RxClk it should also be sampling the fol-
lowing signals.
• RxFrame
• RxOHInd
The Need for sampling RxFrame
FIGURE 93. ILLUSTRATION OF THE XRT7250 DS3/E3 FRAMER IC BEING INTERFACED TO THE RECEIVE TERMINAL
EQUIPMENT (SERIAL MODE OPERATION)
Terminal Equipment
(Receive Payload Section)
XRT7250 DS3 Framer
DS3_Data_In
Rx_DS3_Clock_In
Rx_Start_of_Frame
RxClk
RxFrame
RxOHIns
44.736 MHz Clock Signal
RxSer
Rx_DS3_OH_Ind
RxLineClk
44.736 MHz
Clock Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com