Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 236 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 236 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 232Page - Exar Corporation XRT7250 Datasheet HTML 233Page - Exar Corporation XRT7250 Datasheet HTML 234Page - Exar Corporation XRT7250 Datasheet HTML 235Page - Exar Corporation XRT7250 Datasheet HTML 236Page - Exar Corporation XRT7250 Datasheet HTML 237Page - Exar Corporation XRT7250 Datasheet HTML 238Page - Exar Corporation XRT7250 Datasheet HTML 239Page - Exar Corporation XRT7250 Datasheet HTML 240Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
217
TABLE 45: LISTING AND DESCRIPTION OF THE PIN ASSOCIATED WITH THE RECEIVE PAYLOAD DATA OUTPUT
INTERFACE BLOCK
SIGNAL NAME
TYPE
DESCRIPTION
RxSer
Output Receive Serial Payload Data Output pin:
If the user opts to operate the XRT7250 in the serial mode, then the chip will output the payload
data, of the incoming DS3 frames, via this pin. The XRT7250 will output this data upon the rising
edge of RxClk.
The user is advised to design the Terminal Equipment such that it will sample this data on the
falling edge of RxClk.
This signal is only active if the NibInt input pin is pulled "Low".
RxNib[3:0]
Output Receive Nibble-Parallel Payload Data Output pins:
If the user opts to operate the XRT7250 in the nibble-parallel mode, then the chip will output the
payload data, of the incoming DS3 frames, via these pins. The XRT7250 will output data via
these pins, upon the falling edge of the RxClk output pin.
The user is advised to design the Terminal Equipment such that it will sample this data upon the
rising edge of RxClk.
These pins are only active if the NibInt input pin is pulled "High".
RxClk
Output Receive Payload Data Output Clock pin:
The exact behavior of this signal depends upon whether the XRT7250 is operating in the Serial
or in the Nibble-Parallel-Mode.
Serial Mode Operation
In the serial mode, this signal is a 44.736MHz clock output signal. The Receive Payload Data
Output Interface will update the data via the RxSer output pin, upon the rising edge of this clock
signal.
The user is advised to design (or configure) the Terminal Equipment to sample the data on the
RxSer pin, upon the falling edge of this clock signal.
Nibble-Parallel Mode Operation
In this Nibble-Parallel Mode, the XRT7250 will derive this clock signal, from the RxLineClk signal.
The XRT7250 will pulse this clock 1176 times for each inbound DS3 frame. The Receive Pay-
load Data Output Interface will update the data, on the RxNib[3:0] output pins upon the falling
edge of this clock signal.
The user is advised to design (or configure) the Terminal Equipment to sample the data on the
RxNib[3:0] output pins, upon the rising edge of this clock signal
RxOHInd
Output Receive Overhead Bit Indicator Output:
This output pin will pulse "High" whenever the Receive Payload Data Output Interface outputs an
overhead bit via the RxSer output pin. The purpose of this output pin is to alert the Terminal
Equipment that the current bit, (which is now residing on the RxSer output pin), is an overhead
bit and should not be processed by the Terminal Equipment.
The XRT7250 will update this signal, upon the rising edge of the RxClk signal.
The user is advised to design (or configure) the Terminal Equipment to sample this signal (along
with the data on the RxSer output pin) on the falling edge of the RxClk signal.
For DS3 applications, this output pin is only active if the XRT7250 is operating in the Serial
Mode. This output pin will be "Low" if the device is operating in the Nibble-Parallel Mode.
RxFrame
Output Receive Start of Frame Output Indicator:
The exact behavior of this pin, depends upon whether the XRT7250 has been configured to
operate in the Serial Mode or the Nibble-Parallel Mode.
Serial Mode Operation:
The Receive Section of the XRT7250 will pulse this output pin "High" (for one bit period) when
the Receive Payload Data Output Interface block is driving the very first bit of a given DS3 frame,
onto the RxSer output pin.
Nibble-Parallel Mode Operation:
The Receive Section of the XRT7250 will pulse this output pin "High" (for one nibble period),
when the Receive Payload Data Output Interface is driving the very first nibble of a given DS3
frame, onto the RxNib[3:0] output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com