Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 238 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 238 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 234Page - Exar Corporation XRT7250 Datasheet HTML 235Page - Exar Corporation XRT7250 Datasheet HTML 236Page - Exar Corporation XRT7250 Datasheet HTML 237Page - Exar Corporation XRT7250 Datasheet HTML 238Page - Exar Corporation XRT7250 Datasheet HTML 239Page - Exar Corporation XRT7250 Datasheet HTML 240Page - Exar Corporation XRT7250 Datasheet HTML 241Page - Exar Corporation XRT7250 Datasheet HTML 242Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
219
The XRT7250 will pulse the RxFrame output pin
"High" coincident with it driving the very first bit of a
given DS3 frame onto the RxSer output pin. If knowl-
edge of the DS3 Frame Boundaries is important for
the operation of the Terminal Equipment, then this is
a very important signal for it to sample.
The Need for sampling RxOHInd
The XRT7250 will indicate that it is currently driving
an overhead bit onto the RxSer output pin, by pulsing
the RxOHInd output pin "High". If the Terminal Equip-
ment samples this signal "High", then it should know
that the bit, that it is currently sampling via the RxSer
pin is an overhead bit and should not be processed.
The Behavior of the Signals between the Receive
Payload Data Output Interface block and the Ter-
minal Equipment
The behavior of the signals between the XRT7250
and the Terminal Equipment for DS3 Serial Mode Op-
eration is illustrated in Figure 94.
4.3.5.2
Nibble-Parallel Mode Operation
Behavior of the XRT7250
If the XRT7250 has been configured to operate in the
Nibble-Parallel Mode, then the XRT7250 will behave
as follows.
Payload Data Output
The XRT7250 will output the payload data of the in-
coming DS3 frames, via the RxNib[3:0] output pins,
upon the falling edge of RxClk.
NOTES:
1. In this case, RxClk will function as the Nibble Clock
signal between the XRT7250 the Terminal Equip-
ment. The XRT7250 will pulse the RxClk output
signal "High" 1176 times, for each inbound DS3
frame.
2. Unlike Serial Mode operation, the duty cycle of
RxClk, in Nibble-Parallel Mode operation is approx-
imately 25%.
Delineation of Inbound DS3 Frames
The XRT7250 will pulse the RxFrame output pin
"High" for one nibble-period coincident with it driving
FIGURE 94. AN ILLUSTRATION OF THE BEHAVIOR OF THE SIGNALS BETWEEN THE RECEIVE PAYLOAD DATA OUTPUT
INTERFACE BLOCK OF THE XRT7250 AND THE TERMINAL EQUIPMENT (SERIAL MODE OPERATION)
Terminal Equipment Signals
DS3_Clock_In
DS3_Data_In
Rx_Start_of_Frame
DS3_Overhead_Ind
XRT7250 Receive Payload Data I/F Signals
RxClk
RxSer
RxFrame
RxOH_Ind
Payload[4702]
Payload[4703]
X-Bit
Payload[0]
Payload[4702]
Payload[4703]
X-Bit
Payload[0]
Note: X-Bit will not be processed by the
Transmit Payload Data Input Interface.
DS3 Frame Number N
DS3 Frame Number N + 1
Note: RxFrame pulses high to denote
DS3 Frame Boundary.
Note: RxOH_Ind pulses high to
denote Overhead Data
(e.g., the X-bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com