Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 259 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 259 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 255Page - Exar Corporation XRT7250 Datasheet HTML 256Page - Exar Corporation XRT7250 Datasheet HTML 257Page - Exar Corporation XRT7250 Datasheet HTML 258Page - Exar Corporation XRT7250 Datasheet HTML 259Page - Exar Corporation XRT7250 Datasheet HTML 260Page - Exar Corporation XRT7250 Datasheet HTML 261Page - Exar Corporation XRT7250 Datasheet HTML 262Page - Exar Corporation XRT7250 Datasheet HTML 263Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
240
Configuring the Transmit Payload Data Input Interface
block to accept the “N” Bits from the Terminal Equip-
ment, then the user must write the value “11” into the
TxNSourceSel[1:0] bit-fields. Once the user does
this, then any value, which resides on the TxSer input
pin, when the “N” bit is being processed by the Trans-
mit Section will be inserted into the “N” bit-field within
the very next outbound E3 frame.
For completeness, the relationship between the con-
tents of the TxNSourceSel[1:0] bits and the resulting
source of the “N” bit is listed below.
Bits 4, 3, TxNSourceSel[1:0]
These two Read/Write bit-fields combine to specify
the source of the N-bit, within each outbound E3
frame. The relationship between these two bit-fields
and the resulting source of the N Bit is tabulated be-
low.
01
Transmit Overhead Data Input Interface
10
Transmit Payload Data Input Interface
11
Functions as a FEBE (Far-End-Block Error) bit-field.
This bit-field is set to "0", if the Near-End Receive Section (within this chip) detects no BIP-4
Errors within the incoming E3 frames.
This bit-field is set to "1", if the Near-End Receive Section (within this chip) detects a BIP-4
Error within the incoming E3 frame.
TXASOURCESEL[1:0]
SOURCE OF A BIT
TXNSOURCESEL[1:0]
SOURCE OF N BIT
00
TxE3 Service Bits Register (Address = 0x35)
01
Transmit Overhead Data Input Interface
10
Transmit LAPD Controller
11
Transmit Payload Data Input Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com