Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 260 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 260 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 256Page - Exar Corporation XRT7250 Datasheet HTML 257Page - Exar Corporation XRT7250 Datasheet HTML 258Page - Exar Corporation XRT7250 Datasheet HTML 259Page - Exar Corporation XRT7250 Datasheet HTML 260Page - Exar Corporation XRT7250 Datasheet HTML 261Page - Exar Corporation XRT7250 Datasheet HTML 262Page - Exar Corporation XRT7250 Datasheet HTML 263Page - Exar Corporation XRT7250 Datasheet HTML 264Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
241
How to configure the XRT7250 into the Serial/
Loop-Timed/Non-Overhead Interface Mode
1. Set the NibIntf input pin "Low".
2. Set the TimRefSel[1:0] bit fields (within the
Framer Operating Mode Register) to "00", as
illustrated below.
3. Interface the XRT7250, to the Terminal Equip-
ment, as illustrated in Figure 100.
5.2.1.2
Mode 2 - The Serial/Local-Timed/
Frame-Slave Mode Behavior of the XRT7250
If the XRT7250 has been configured to operate in this
mode, then the XRT7250 will function as follows.
A. Local-Timed - Uses the TxInClk signal as the
Timing Reference
In this mode, the Transmit Section of the XRT7250
will use the TxInClk signal as its timing reference.
B. Serial Mode
The XRT7250 will receive the E3 payload data, in a
serial manner, via the TxSer input pin. The Transmit
Payload Data Input Interface (within the XRT7250)
will latch this data into its circuitry, on the rising edge
of the TxInClk input clock signal.
FIGURE 101. BEHAVIOR OF THE TERMINAL INTERFACE SIGNALS BETWEEN THE XRT7250 TRANSMIT PAYLOAD DATA
INPUT INTERFACE BLOCK AND THE TERMINAL EQUIPMENT (FOR MODE 1 OPERATION)
Terminal Equipment Signals
E3_Clock_In
E3_Data_Out
Tx_Start_of_Frame
E3_Overhead_Ind
XRT7250 Transmit Payload Data I/F Signals
RxOutClk
TxSer
TxFrame
TxOH_Ind
Payload[1522]
Payload[1523]
FAS, Bit 9
FAS, Bit 8
Payload[1522]
Payload[1523]
FAS, Bit 9
FAS, Bit 8
Note: The FAS pattern will not be processed by the
Transmit Payload Data Input Interface.
E3 Frame Number N
E3 Frame Number N + 1
Note: TxFrame pulses high to denote
E3 Frame Boundary.
Note: TxOH_Ind pulses high for
12 bit periods in order to
denote Overhead Data
(e.g., the FAS pattern and the
A & N bits).
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1
BIT 0
Local
Loopback
DS3/E3*
Internal
LOS
Enable
RESET
Interrupt
Enable
Reset
Frame
Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0101
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com