Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 264 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 264 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 260Page - Exar Corporation XRT7250 Datasheet HTML 261Page - Exar Corporation XRT7250 Datasheet HTML 262Page - Exar Corporation XRT7250 Datasheet HTML 263Page - Exar Corporation XRT7250 Datasheet HTML 264Page - Exar Corporation XRT7250 Datasheet HTML 265Page - Exar Corporation XRT7250 Datasheet HTML 266Page - Exar Corporation XRT7250 Datasheet HTML 267Page - Exar Corporation XRT7250 Datasheet HTML 268Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
245
as the Frame Master and the Terminal Equipment is
referred to as the Frame Slave.
Finally, the XRT7250 will pulse its TxOH_Ind output
pin, one bit-period prior to it processing a given over-
head bit, within the outbound E3 frame. Since the
TxOH_Ind output pin (of the XRT7250) is electrically
connected to the E3_Overhead_Ind whenever the
XRT7250 pulses the TxOH_Ind output pin "High”, it
will also be driving the E3_Overhead_Ind input pin (of
the Terminal Equipment) "High". Whenever the Ter-
minal Equipment detects this pin toggling "High", it
should delay transmission of the very next DS3 frame
payload bit by one clock cycle.
The behavior of the signal between the XRT7250 and
the Terminal Equipment for E3 Mode 3 Operation is il-
lustrated in Figure 105.
How to configure the XRT7250 to operate in this
mode.
1. Set the NibIntf input pin "Low".
2. Set the TimRefSel[1:0] bit-fields (within the
Framer Operating Mode Register) to "01" as
depicted below.
3. Interface the XRT7250, to the Terminal Equip-
ment, as illustrated in Figure 104.
5.2.1.4
Mode 4 - The Nibble-Parallel/Loop-
Timed Mode Behavior of the XRT7250
FIGURE 105. BEHAVIOR OF THE TERMINAL INTERFACE SIGNALS BETWEEN THE XRT7250 AND THE TERMINAL EQUIP-
MENT
(E3 MODE 3 OPERATION)
Terminal Equipment Signals
E3_Clock_In
E3_Data_Out
Tx_Start_of_Frame
E3_Overhead_Ind
XRT7250 Transmit Payload Data I/F Signals
TxInClk
TxSer
TxFrame
TxOH_Ind
Payload[1522]
Payload[1523]
FAS , Bit 9
FAS, Bit 8
Payload[1522]
Payload[1523]
FAS, Bit 9
FAS, Bit 8
Note: FAS pattern will not be processed by the
Transmit Payload Data Input Interface.
E3 Frame Number N
E3 Frame Number N + 1
Note: TxFrame pulses high to denote
E3 Frame Boundary.
Note: TxOH_Ind pulses high for 12
bit-periods in order to denote
Overhead Data (e.g., the FAS pattern,
the A and N bits).
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1
BIT 0
Local
Loopback
DS3/E3*
Internal
LOS
Enable
RESET
Interrupt
Enable
Reset
Frame
Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0101
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com