Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 265 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 265 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 261Page - Exar Corporation XRT7250 Datasheet HTML 262Page - Exar Corporation XRT7250 Datasheet HTML 263Page - Exar Corporation XRT7250 Datasheet HTML 264Page - Exar Corporation XRT7250 Datasheet HTML 265Page - Exar Corporation XRT7250 Datasheet HTML 266Page - Exar Corporation XRT7250 Datasheet HTML 267Page - Exar Corporation XRT7250 Datasheet HTML 268Page - Exar Corporation XRT7250 Datasheet HTML 269Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
246
If the XRT7250 has been configured to operate in this
mode, then the XRT7250 will behave as follows.
A. Looped Timing (Uses the RxLineClk as the
Timing Reference)
In this mode, the Transmit Section of the XRT7250
will use the RxLineClk signal as its timing reference.
When the XRT7250 is operating in the Nibble-Mode,
it will internally divide the RxLineClk signal, by a fac-
tor of four (4) and will output this signal via the TxNib-
Clk output pin.
B. Nibble-Parallel Mode
The XRT7250 will accept the E3 payload data, from
the Terminal Equipment in a nibble-parallel manner,
via the TxNib[3:0] input pins. The Transmit Terminal
Equipment Input Interface block will latch this data in-
to its circuitry, on the rising edge of the TxNibClk out-
put signal.
C. Delineation of the outbound E3 frames
The XRT7250 will pulse the TxNibFrame output pin
"High" for one bit-period coincident with the XRT7250
processing the last nibble of a given E3 frame.
D. Sampling of payload data, from the Terminal
Equipment
In Mode 4, the XRT7250 will sample the data, at the
TxNib[3:0] input pins, on the third rising edge of the
RxOutClk clock signal, following a pulse in the TxNib-
Clk signal (see Figure 107).
NOTE: The TxNibClk signal, from the XRT7250 operates
nominally at 8.592 MHz (e.g., 34.368 MHz divided by 4).
The E3 Frame consists of 1536 bits or 384 nibbles.
Therefore, the XRT7250 will supply 384 TxNibClk
pulses between the rising edges of two consecutive
TxNibFrame pulses. The E3 Frame repetition rate is
22.375kHz. Hence, 384 TxNibClk pulses for each E3
frame period amounts to TxNibClk running at approx-
imately 8.592 MHz. The method by which the 384
TxNibClk pulses are distributed throughout the E3
frame period is presented below.
Nominally, the Transmit Section within the XRT7250
will generate a TxNibClk pulse for every 4 RxOutClk
(or TxInClk) periods.
Interfacing the Transmit Payload Data Input Inter-
face block of the XRT7250 to the Terminal Equip-
ment for Mode 4 Operation
Figure 106 presents an illustration of the Transmit
Payload Data Input Interface block (within the
XRT7250) being interfaced to the Terminal Equip-
ment, for Mode 4 Operation.
Mode 4 Operation of the Terminal Equipment
When the XRT7250 is operating in this mode, it will
function as the source of the 8.592MHz (e.g., the
34.368MHz clock signal divided by 4) clock signal,
that will be used as the Terminal Equipment Interface
clock by both the XRT7250 and the Terminal Equip-
ment.
The Terminal Equipment will output the payload data
of the outbound E3 data stream via its
E3_Data_Out[3:0] pins on the rising edge of the
8.592MHz clock signal at the E3_Nib_Clock_In input
pin.
The XRT7250 will latch the outbound E3 data stream
(from the Terminal Equipment) on the rising edge of
the TxNibClk output clock signal. The XRT7250 will
FIGURE 106. ILLUSTRATION OF THE TERMINAL EQUIPMENT BEING INTERFACED TO THE TRANSMIT PAYLOAD DATA
INPUT INTERFACE BLOCK OF THE XRT7250 FOR MODE 4 (NIBBLE-PARALLEL/LOOP-TIMED) OPERATION
Terminal Equipment
XRT7250 E3 Framer
E3_Data_Out[3:0]
E3_Nib_Clock_In
Tx_Start_of_Frame
TxNib[3:0]
TxNibClk
TxNibFrame
NibInt
VCC
4
RxLineClk
34.368MHz
8.592 MHz
TxOH_Ind
E3_Overhead_Ind



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com