Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 268 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 268 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 264Page - Exar Corporation XRT7250 Datasheet HTML 265Page - Exar Corporation XRT7250 Datasheet HTML 266Page - Exar Corporation XRT7250 Datasheet HTML 267Page - Exar Corporation XRT7250 Datasheet HTML 268Page - Exar Corporation XRT7250 Datasheet HTML 269Page - Exar Corporation XRT7250 Datasheet HTML 270Page - Exar Corporation XRT7250 Datasheet HTML 271Page - Exar Corporation XRT7250 Datasheet HTML 272Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
249
Mode 5 Operation of the Terminal Equipment
In Figure 108 both the Terminal Equipment and the
XRT7250 will be driven by an external 8.592MHz
clock signal. The Terminal Equipment will receive the
8.592MHz clock signal via the E3_Nib_Clock_In input
pin. The XRT7250 will output the 8.592MHz clock
signal via the TxNibClk output pin.
The Terminal Equipment will serially output the data
on the E3_Data_Out[3:0] pins, upon the rising edge
of the signal at the E3_Clock_In input pin.
NOTE: The E3_Data_Out[3:0] output pins of the Terminal
Equipment is electrically connected to the TxNib[3:0] input
pins.
The XRT7250 will latch the data, residing on the Tx-
Nib[3:0] input pins, on the rising edge of the TxNibClk
signal.
In this case, the Terminal Equipment has the respon-
sibility of providing the framing reference signal by
pulsing the Tx_Start_of_Frame output pin (and in
turn, the TxFrameRef input pin of the XRT7250)
"High" for one bit-period, coincident with the first bit of
a new E3 frame. Once the XRT7250 detects the ris-
ing edge of the input at its TxFrameRef input pin, it
will begin generation of a new E3 frame.
Finally, the XRT7250 will always internally generate
the Overhead bits, when it is operating in both the E3
and Nibble-parallel modes. The XRT7250 will pull the
TxOHInd input pin "Low".
The behavior of the signals between the XRT7250
and the Terminal Equipment for E3 Mode 5 Operation
is illustrated in Figure 109.
FIGURE 108. ILLUSTRATION OF THE TERMINAL EQUIPMENT BEING INTERFACED TO THE TRANSMIT PAYLOAD DATA
INPUT INTERFACE BLOCK OF THE XRT7250 FOR MODE 5 (NIBBLE-PARALLEL/LOCAL-TIMED/FRAME-SLAVE) OPERA-
TION
Terminal Equipment
XRT7250 E3 Framer
E3_Data_Out[3:0]
E3_Nib_Clock_In
Tx_Start_of_Frame
TxNib[3:0]
TxNibClk
TxFrameRef
NibInt
VCC
4
34.368MHz Clock Source
TxInClk
8.592MHz
E3_Overhead_Ind
TxOH_Ind



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com