Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 266 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 266 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 262Page - Exar Corporation XRT7250 Datasheet HTML 263Page - Exar Corporation XRT7250 Datasheet HTML 264Page - Exar Corporation XRT7250 Datasheet HTML 265Page - Exar Corporation XRT7250 Datasheet HTML 266Page - Exar Corporation XRT7250 Datasheet HTML 267Page - Exar Corporation XRT7250 Datasheet HTML 268Page - Exar Corporation XRT7250 Datasheet HTML 269Page - Exar Corporation XRT7250 Datasheet HTML 270Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
247
indicate that it is processing the last nibble, within a
given E3 frame, by pulsing its TxNibFrame output pin
"High" for one TxNibClk clock period. When the Ter-
minal Equipment detects a pulse at its
Tx_Start_of_Frame input pin, it is expected to trans-
mit the first nibble, of the very next outbound E3
frame to the XRT7250 via the E3_Data_Out[3:0] (or
TxNib[3:0] pins).
Finally, for the Nibble-Parallel Mode operation, the
XRT7250 will pulse the TxOHInd output pin "High” for
3 nibble-periods (e.g., the 3 nibbles consisting of the
10 bit FAS pattern, the “A” and the “N” bits). The Tx-
OHInd output pin will remain "Low” for the remainder
of the frame period. The TxOHInd output pin will tog-
gle "High” one-nibble period before the Transmit Sec-
tion (of the Framer IC) processes the first four bits of
the FAS pattern.
The behavior of the signals between the XRT7250
and the Terminal Equipment for E3 Mode 4 Operation
is illustrated in Figure 107.
How to configure the XRT7250 into Mode 4
1. Set the NibIntf input pin "High".
2. Set the TimRefSel[1:0] bit-fields (within the
Framer Operating Mode Register) to "00" as illus-
trated below.
FIGURE 107. BEHAVIOR OF THE TERMINAL INTERFACE SIGNALS BETWEEN THE XRT7250 AND THE TERMINAL EQUIP-
MENT
(MODE 4 OPERATION)
Terminal Equipment Signals
RxOutClk
Tx_Start_of_Frame
E3_Nib_Clock_In
E3_Data_Out[3:0]
Payload Nibble [380]
Overhead Nibble [0]
XRT7250 Transmit Payload Data I/F Signals
E3 Frame Number N
E3 Frame Number N + 1
Note: TxNibFrame pulses high to denote
E3 Frame Boundary.
RxOutClk
TxNibFrame
TxNibClk
TxNib[3:0]
Nibble [380]
Overhead Nibble [0]
E3_Overhead_Ind
TxOH_Ind
TxOH_Ind pulses high for 3 Nibble periods
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1
BIT 0
Local
Loopback
DS3/E3*
Internal
LOS
Enable
RESET
Interrupt
Enable
Reset
Frame
Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0101
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com