Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 272 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 272 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 268Page - Exar Corporation XRT7250 Datasheet HTML 269Page - Exar Corporation XRT7250 Datasheet HTML 270Page - Exar Corporation XRT7250 Datasheet HTML 271Page - Exar Corporation XRT7250 Datasheet HTML 272Page - Exar Corporation XRT7250 Datasheet HTML 273Page - Exar Corporation XRT7250 Datasheet HTML 274Page - Exar Corporation XRT7250 Datasheet HTML 275Page - Exar Corporation XRT7250 Datasheet HTML 276Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
253
The E3, ITU-T G.751 Frame consists of 1536 bits. Of
these bits, 1524 are payload bits and the remaining
12 are overhead bits. The XRT7250 has been de-
signed to handle and process both the payload type
and overhead type bits for each E3 frame. Within the
Transmit Section within the XRT7250, the Transmit
Payload Data Input Interface has been designed to
handle the payload data. Likewise, the Transmit
Overhead Input Interface has been designed to han-
dle and process the overhead bits.
The Transmit Section of the XRT7250 generates or
processes the various overhead bits within the E3
frame, in the following manner.
The Frame Alignment Signaling (FAS) Overhead
Bits
The FAS (Framing Alignment Signaling) bits are al-
ways internally generated by the Transmit Section of
the XRT7250. Hence, the user cannot insert his/her
value for the FAS bits into the outbound E3 data
stream, via the Transmit Overhead Data Input Inter-
face.
The “A” (Alarm) Overhead bit
The “A” bit is used to transport the FERF (Far-End
Receive Failure) condition. This bit-field can be either
internally generated by the Transmit Section within
the XRT7250, or can be externally generated and in-
serted into the outbound E3 data stream, via the
Transmit Overhead Data Input Interface. The Data
Link Related Overhead Bits
The “N” (National) Overhead bit
The E3 frame structure also contains the N bit which
can be used to transport a proprietary User Data Link
information and or Path Maintenance Data Link infor-
mation. The UDL (User Data Link) bits are only ac-
cessible via the Transmit Overhead Data Input Inter-
face. The Path Maintenance Data Link (PMDL) bits
can either be sourced from the Transmit LAPD Con-
troller/Buffer or via the Transmit Overhead Data Input
Interface.
Table 47 lists the Overhead Bits within the E3 frame.
In addition, this table also indicates whether or not
these overhead bits can be sourced by the Transmit
Overhead Data Input Interface.
FIGURE 112. SIMPLE ILLUSTRATION OF THE TRANSMIT OVERHEAD DATA INPUT INTERFACE BLOCK
Transmit
Overhead
Data Input
Interface Block
Transmit
Overhead
Data Input
Interface Block
TxOHFrame
TxOHEnable
TxOH
TxOHClk
TxOHIns
To Transmit DS3 Framer Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com