Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 273 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 273 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 269Page - Exar Corporation XRT7250 Datasheet HTML 270Page - Exar Corporation XRT7250 Datasheet HTML 271Page - Exar Corporation XRT7250 Datasheet HTML 272Page - Exar Corporation XRT7250 Datasheet HTML 273Page - Exar Corporation XRT7250 Datasheet HTML 274Page - Exar Corporation XRT7250 Datasheet HTML 275Page - Exar Corporation XRT7250 Datasheet HTML 276Page - Exar Corporation XRT7250 Datasheet HTML 277Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
254
NOTES:
1. The XRT7250 contains mask register bits that per-
mit the user to alter the state of the internally gen-
erated value for these bits.
2. The Transmit LAPD Controller/Buffer can be config-
ured to be the source of the N bits, within the out-
bound E3 data stream.
The Transmit Overhead Data Input Interface permits
the user to insert overhead data into the outbound E3
frames via the following two different methods.
• Method 1 - Using the TxOHClk clock signal
• Method 2 - Using the TxInClk and the TxOHEnable
signals.
Each of these methods are described below.
5.2.2.1
Method 1 - Using the TxOHClk Clock
Signal
The Transmit Overhead Data Input Interface consists
of the five signals. Of these five (5) signals, the fol-
lowing four (4) signals are to be used when imple-
menting Method 1.
• TxOH
• TxOHClk
• TxOHFrame
• TxOHIns
Each of these signals are listed and described below.
Table 48.
TABLE 47: A LISTING OF THE OVERHEAD BITS WITHIN THE E3 FRAME, AND THEIR POTENTIAL SOURCES, WITHIN THE
XRT7250 IC
OVERHEAD BIT
INTERNALLY GENERATED
ACCESSIBLE VIA THE TRANSMIT OVERHEAD
DATA INPUT INTERFACE
BUFFER/REGISTER
ACCESSIBLE
FAS Signal - Bit 9
Yes
Yes
Yes*
FAS Signal - Bit 8
Yes
Yes
Yes
FAS Signal - Bit 7
Yes
Yes
Yes*
FAS Signal - Bit 6
Yes
Yes
Yes*
FAS Signal - Bit 5
Yes
Yes
Yes
FAS Signal - Bit 4
Yes
Yes
Yes
FAS Signal - Bit 3
Yes
Yes
Yes
FAS Signal - Bit 2
Yes
Yes
Yes
FAS Signal - Bit 1
Yes
Yes
Yes
FAS Signal - Bit 0
Yes
Yes
Yes
A Bit
Yes
Yes
Yes
N Bit
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com