Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 274 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 274 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 270Page - Exar Corporation XRT7250 Datasheet HTML 271Page - Exar Corporation XRT7250 Datasheet HTML 272Page - Exar Corporation XRT7250 Datasheet HTML 273Page - Exar Corporation XRT7250 Datasheet HTML 274Page - Exar Corporation XRT7250 Datasheet HTML 275Page - Exar Corporation XRT7250 Datasheet HTML 276Page - Exar Corporation XRT7250 Datasheet HTML 277Page - Exar Corporation XRT7250 Datasheet HTML 278Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
255
Interfacing the Transmit Overhead Data Input In-
terface to the Terminal Equipment.
Figure 113 illustrates how one should interface the
Transmit Overhead Data Input Interface to the Termi-
nal Equipment, when using Method 1.
TABLE 48: DESCRIPTION OF METHOD 1 TRANSMIT OVERHEAD INPUT INTERFACE SIGNALS
NAME
TYPE
DESCRIPTION
TxOHIns
Input
Transmit Overhead Data Insert Enable input pin.
Asserting this input signal (e.g., setting it "High”) enables the Transmit Overhead Data Input Inter-
face to accept overhead data from the Terminal Equipment. In other words, while this input pin is
"High", the Transmit Overhead Data Input Interface will sample the data at the TxOH input pin, on
the falling edge of the TxOHClk output signal.
Conversely, setting this pin "Low" configures the Transmit Overhead Data Input Interface to NOT
sample (e.g., ignore) the data at the TxOH input pin, on the falling edge of the TxOHClk output
signal.
NOTE: If the Terminal Equipment attempts to insert an overhead bit that cannot be accepted by
the Transmit Overhead Data Input Interface (e.g., if the Terminal Equipment asserts the TxOHIns
signal, at a time when one of these non-insertable overhead bits are being processed), that par-
ticular insertion effort will be ignored.
TxOH
Input
Transmit Overhead Data Input pin:
The Transmit Overhead Data Input Interface accepts the overhead data via this input
pin, and inserts into the overhead bit position within the very next outbound E3 frame. If
the TxOHIns pin is pulled "High", the Transmit Overhead Data Input Interface will sam-
ple the data at this input pin (TxOH), on the falling edge of the TxOHClk output pin.
Conversely, if the TxOHIns pin is pulled "Low", then the Transmit Overhead Data Input
Interface will NOT sample the data at this input pin (TxOH). Consequently, this data will
be ignored.
TxOHClk
Output
Transmit Overhead Input Interface Clock Output signal:
This output signal serves two purposes:
1. The Transmit Overhead Data Input Interface will provide a rising clock edge on this signal, one
bit-period prior to the instant that the Transmit Overhead Data Input Interface is processing an
overhead bit.
2. The Transmit Overhead Data Input Interface will sample the data at the TxOH input, on the fall-
ing edge of this clock signal (provided that the TxOHIns input pin is "High").
NOTE: The Transmit Overhead Data Input Interface will supply a clock edge for all overhead bits
within the DS3 frame (via the TxOHClk output signal). This includes those overhead bits that the
Transmit Overhead Data Input Interface will not accept from the Terminal Equipment.
TxOHFrame
Output
Transmit Overhead Input Interface Frame Boundary Indicator Output:
This output signal pulses "High" when the XRT7250 is processing the last bit within a
given E3 frame.
The purpose of this output signal is to alert the Terminal Equipment that the Transmit
Overhead Data Input Interface block is about to begin processing the overhead bits for a
new E3 frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com