Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 276 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 276 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 272Page - Exar Corporation XRT7250 Datasheet HTML 273Page - Exar Corporation XRT7250 Datasheet HTML 274Page - Exar Corporation XRT7250 Datasheet HTML 275Page - Exar Corporation XRT7250 Datasheet HTML 276Page - Exar Corporation XRT7250 Datasheet HTML 277Page - Exar Corporation XRT7250 Datasheet HTML 278Page - Exar Corporation XRT7250 Datasheet HTML 279Page - Exar Corporation XRT7250 Datasheet HTML 280Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
257
3. After the Terminal Equipment has waited the
appropriate number of clock edges (from the
TxOHFrame signal being sampled "High"), it
should assert the TxOHIns input signal. Concur-
rently, the Terminal Equipment should also place
the appropriate value (of the inserted overhead
bit) onto the TxOH signal.
4. The Terminal Equipment should hold both the
TxOHIns input pin "High" and the value of the
TxOH signal, stable until the next rising edge of
TxOHClk is detected.
Case Study: The Terminal Equipment intends to
insert the appropriate overhead bits into the
Transmit Overhead Data Input Interface (using
Method 1) in order to transmit a Yellow Alarm to
the remote terminal equipment.
In this example, the Terminal Equipment intends to in-
sert the appropriate overhead bits, into the Transmit
Overhead Data Input Interface, such that the
XRT7250 will transmit a Yellow Alarm to the remote
terminal equipment. Recall that, for E3, ITU-T G.751
Applications, a Yellow Alarm is transmitted by setting
the "A" bit to "1".
If one assumes that the connection between the Ter-
minal Equipment and the XRT7250 are as illustrated
in Figure 113 then Figure 114 presents an illustration
of the signaling that must go on between the Terminal
Equipment and the XRT7250.
TABLE 49: THE RELATIONSHIP BETWEEN THE NUMBER OF RISING CLOCK EDGES IN TXOHCLK, (SINCE TXOHFRAME
WAS LAST SAMPLED
"HIGH") TO THE E3 OVERHEAD BIT, THAT IS BEING PROCESSED
NUMBER OF RISING CLOCK EDGES IN
TXOHCLK
THE OVERHEAD BIT EXPECTED BY THE
XRT7250
CAN THIS OVERHEAD BIT BE ACCEPTED BY
THE
XRT7250?
0 (Clock edge is coincident with TxO-
HFrame being detected "High”)
FAS Signal - Bit 9
Yes
1
FAS Signal - Bit 8
Yes
2
FAS Signal - Bit 7
Yes
3
FAS Signal - Bit 6
Yes
4
FAS Signal - Bit 5
Yes
5
FAS Signal - Bit 4
Yes
6
FAS Signal - Bit 3
Yes
7
FAS Signal - Bit 2
Yes
8
FAS Signal - Bit 1
Yes
9
FAS Signal - Bit 0
Yes
10
A Bit
Yes
11
N Bit
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com