Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 280 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 280 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 276Page - Exar Corporation XRT7250 Datasheet HTML 277Page - Exar Corporation XRT7250 Datasheet HTML 278Page - Exar Corporation XRT7250 Datasheet HTML 279Page - Exar Corporation XRT7250 Datasheet HTML 280Page - Exar Corporation XRT7250 Datasheet HTML 281Page - Exar Corporation XRT7250 Datasheet HTML 282Page - Exar Corporation XRT7250 Datasheet HTML 283Page - Exar Corporation XRT7250 Datasheet HTML 284Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
261
3. After the Terminal Equipment has waited through
the appropriate number of pulses via the TxO-
HEnable pin, it should then assert the TxOHIns
input signal. Concurrently, the Terminal Equip-
ment should also place the appropriate value (of
the inserted overhead bit) onto the TxOH signal.
4. The Terminal Equipment should hold both the
TxOHIns input pin "High" and the value of the
TxOH signal stable, until the next TxOHEnable
pulse is detected.
Case Study: The Terminal Equipment intends to
insert the appropriate overhead bits into the
Transmit Overhead Data Input Interface (using
Method 2) in order to transmit a Yellow Alarm to
the remote terminal equipment.
In this case, the Terminal Equipment intends to insert
the appropriate overhead bits, into the Transmit Over-
head Data Input Interface such that the XRT7250 will
transmit a Yellow Alarm to the remote terminal equip-
ment. Recall that, for E3, ITU-T G.751 applications, a
Yellow Alarm is transmitted by setting the “A” bit to
“1".
If one assumes that the connection between the Ter-
minal Equipment and the XRT7250 is as illustrated in
Figure 115 then, Figure 116 presents an illustration of
the signaling that must go on between the Terminal
Equipment and the XRT7250.
TABLE 51: THE RELATIONSHIP BETWEEN THE NUMBER OF TXOHENABLE PULSES (SINCE THE LAST OCCURRENCE OF
THE
TXOHFRAME PULSE) TO THE E3 OVERHEAD BIT, THAT IS BEING PROCESSED BY THE XRT7250
NUMBER OF TXOHENABLE PULSES
THE OVERHEAD BIT EXPECTED BY THE
XRT7250
CAN THIS OVERHEAD BIT BE ACCEPTED BY
THE
XRT7250?
0 (Clock edge is coincident with TxO-
HFrame being detected "High”)
FAS Signal - Bit 9
Yes
1
FAS Signal - Bit 8
Yes
2
FAS Signal - Bit 7
Yes
3
FAS Signal - Bit 6
Yes
4
FAS Signal - Bit 5
Yes
5
FAS Signal - Bit 4
Yes
6
FAS Signal - Bit 3
Yes
7
FAS Signal - Bit 2
Yes
8
FAS Signal - Bit 1
Yes
9
FAS Signal - Bit 0
Yes
10
A Bit
Yes
11
N Bit
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com