Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 284 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 284 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 280Page - Exar Corporation XRT7250 Datasheet HTML 281Page - Exar Corporation XRT7250 Datasheet HTML 282Page - Exar Corporation XRT7250 Datasheet HTML 283Page - Exar Corporation XRT7250 Datasheet HTML 284Page - Exar Corporation XRT7250 Datasheet HTML 285Page - Exar Corporation XRT7250 Datasheet HTML 286Page - Exar Corporation XRT7250 Datasheet HTML 287Page - Exar Corporation XRT7250 Datasheet HTML 288Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
265
The relationship between the contents of bit-fields 1
and the LAPD Message size is given in Table 53.
NOTE: The Message Type selected must correspond with
the contents of the first byte of the Information (Payload)
portion, as presented in Table 52.
STEP 5 - Specify whether the LAPD Transmitter
should transmit the LAPD Message frame only
once, or an indefinite number of times at one-sec-
ond intervals.
The Transmit E3 HDLC Control block allows the user
to configure the LAPD Transmitter to transmit this
LAPD Message frame only once, or an indefinite
number of times at one-second intervals. The user
implements this configuration by writing the appropri-
ate value into Bit 3 (Auto Retransmit) within the Tx E3
LAPD Configuration Register (Address = 0x33), as
depicted below.
)
If the user writes a “1” into this bit-field, then the
LAPD Transmitter will transmit the LAPD Message
frame repeatedly at one-second intervals until the
LAPD Transmitter is disabled.
If the user writes a “0” into this bit-field, then the
LAPD Transmitter will transmit the LAPD Message
frame only once. Afterwards, the LAPD Transmitter
will halt its transmission until the user invokes the
Transmit LAPD Message frame command, once
again.
STEP 5 - Enabling the LAPD Transmitter
Prior to the transmission of any data via the LAPD
Transmitter, the LAPD Transmitter must be enabled.
This is accomplished by writing a "1" to bit 0 (TxLAPD
Enable) of the Tx E3 LAPD Configuration Register, as
depicted below.
If the user writes a “0” into this bit-field, then the
LAPD Transmitter will be enabled, and the LAPD
Transmitter will immediately begin to transmit a con-
tinuous stream of Flag Sequence octets (0x7E), via
the “N” bit-field of each outbound E3 frame.
Conversely, if the user writes a “1” into this bit-field,
then the LAPD Transmitter will be disabled. The
Transmit E3 Framer block will automatically insert a
“1” into the “N” bit-field, within each outbound E3
frame. No transmission of PMDL data will occur.
STEP 7 - Initiate the Transmission
At this point, the user should have written the PMDL
message into the on-chip Transmit LAPD Message
buffer and the type of LAPD Message that is desired
to be transmitted should have been specified. Finally,
TABLE 53: RELATIONSHIP BETWEEN TXLAPD MSG LENGTH AND THE LAPD MESSAGE SIZE
TXLAPD MESSAGE LENGTH
LAPD MESSAGE LENGTH
0
LAPD Message size is 76 bytes
1
LAPD Message size is 82 bytes
TXE3 LAPD CONFIGURATION REGISTER (ADDRESS = 0X33)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Auto
Retransmit
Not Used
TxLAPD
Msg Length
TxLAPD
Enable
RO
RO
RO
RO
R/W
RO
R/W
R/W
0
0001
000
TRANSMIT E3 LAPD CONFIGURATION REGISTER (ADDRESS = 0X33)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2BIT 1
BIT 0
Not Used
Auto
Retransmit
Not Used
TxLAPD
Msg Length
TxLAPD
Enable
R/O
R/O
R/O
E/O
R/W
R/O
R/W
R/W
0
000
X
0
X
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com