Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 288 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 288 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 284Page - Exar Corporation XRT7250 Datasheet HTML 285Page - Exar Corporation XRT7250 Datasheet HTML 286Page - Exar Corporation XRT7250 Datasheet HTML 287Page - Exar Corporation XRT7250 Datasheet HTML 288Page - Exar Corporation XRT7250 Datasheet HTML 289Page - Exar Corporation XRT7250 Datasheet HTML 290Page - Exar Corporation XRT7250 Datasheet HTML 291Page - Exar Corporation XRT7250 Datasheet HTML 292Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
269
This action will prevent the LAPD Transmitter from
generating its own One-Second interrupt (following
each transmission of the LAPD Message frame).
2. Enable the One-Second Interrupt
This can be done by writing a “1” into Bit 0 (One-Sec-
ond Interrupt Enable) within the Block Interrupt En-
able Register, as depicted below.
3. Write the new message into the Transmit LAPD
Message buffer immediately after the occurrence
of the One-Second Interrupt
By synchronizing the writes to the Transmit LAPD
Message buffer to occur immediately after the occur-
rence of the One-Second Interrupt, the user avoids
conflicting with the One-Second transmission of the
LAPD Message frame, and will transmit the correct
(uncorrupted) PMDL Message to the Remote LAPD
Receiver.
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Local Loopback
DS3/E3*
Internal
LOS
Enable
RESET
Interrupt
Enable Reset
Frame Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
1
0
1
0
1
1
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxDS3/E3
Interrupt
Enable
Not Used
TxDS3/E3
Interrupt
Enable
One-Second
Interrupt
Enable
R/W
RORO
RO
RORO
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com