Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 292 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 292 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 288Page - Exar Corporation XRT7250 Datasheet HTML 289Page - Exar Corporation XRT7250 Datasheet HTML 290Page - Exar Corporation XRT7250 Datasheet HTML 291Page - Exar Corporation XRT7250 Datasheet HTML 292Page - Exar Corporation XRT7250 Datasheet HTML 293Page - Exar Corporation XRT7250 Datasheet HTML 294Page - Exar Corporation XRT7250 Datasheet HTML 295Page - Exar Corporation XRT7250 Datasheet HTML 296Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
273
Hence, if a Yellow Alarm condition needs to be trans-
mitted to the Remote Terminal Equipment, this can
be accomplished by executing the following steps.
STEP 1 - Write a “1” into Bit 1 (A Bit) within the Tx
E3 Service Bits Register, as indicated below.
STEP 2 - Write the value “00” into the TxAS-
ource[1:0] bit-fields within the Tx E3 Configura-
tion Register, as indicated below.
These two steps will cause the Transmit E3 Framer
block to read in the contents of Bit 1 (within the Tx E3
Service Bit register) and insert it into the “A” bit-field
within the outbound E3 data stream. Hence, the “A”
bit will be set to “1”, which will be interpreted as an
Alarm Condition, by the Remote Terminal Equipment.
5.2.4.2.2
Configuring the Transmit E3 Framer
block to insert the BIP-4 nibble into each out-
bound E3 frame.
The XRT7250 Framer IC permits the user to (1) con-
figure the Transmit Section of the device to insert the
BIP-4 value into each outbound E3 frame and (2) to
configure the Receive Section of the device to com-
pute and verify the BIP-4 value, within each inbound’
E3 frame.
These two configurations are accomplished by setting
bit 7 (Tx BIP-4 Enable), within the Tx E3 Configura-
tion Register, to “1”, as indicated below.
TXASOURCESEL[1:0]
SOURCE OF A BIT
00
TxE3 Service Bits Register (Address = 0x35)
01
Transmit Overhead Data Input Interface
10
Transmit Payload Data Input Interface
11
Functions as a FEBE (Far-End-Block Error) bit-field.
This bit-field is set to "0", if the Near-End Receive Section (within this chip) detects no BIP-4
Errors within the incoming E3 frames.
This bit-field is set to "1", if the Near-End Receive Section (within this chip) detects a BIP-4
Error within the incoming E3 frame.
TXE3 SERVICE BITS REGISTER (ADDRESS = 0X35)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
A Bit
N Bit
RO
RO
RO
RO
RO
RO
R/W
R/W
0
0000
010
TXE3 CONFIGURATION REGISTER (ADDRESS = 0X30)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Tx BIP-4
Enable
TxASourceSel[1:0]
TxNSourceSel[1:0]
Tx AIS
Enable
Tx LOS
Enable
Tx FAS
Source Select
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
X0
0
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com