Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 289 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 289 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 285Page - Exar Corporation XRT7250 Datasheet HTML 286Page - Exar Corporation XRT7250 Datasheet HTML 287Page - Exar Corporation XRT7250 Datasheet HTML 288Page - Exar Corporation XRT7250 Datasheet HTML 289Page - Exar Corporation XRT7250 Datasheet HTML 290Page - Exar Corporation XRT7250 Datasheet HTML 291Page - Exar Corporation XRT7250 Datasheet HTML 292Page - Exar Corporation XRT7250 Datasheet HTML 293Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
270
5.2.4
The Transmit E3 Framer Block
5.2.4.1
Brief Description of the Transmit E3
Framer
The Transmit E3 Framer block accepts data from any
of the following four sources, and uses it to form the
E3 data stream.
• The Transmit Payload Data Input block
• The Transmit Overhead Data Input block
• The Transmit HDLC Controller block
• The Internal Overhead Data Generator
The manner in how the Transmit E3 Framer block
handles data from each of these sources is described
below.
Handling of data from the Transmit Payload Data
Input Interface
For E3 applications, all data that is input to the Trans-
mit Payload Data Input Interface will be inserted into
the payload bit positions within the outbound E3
frames.
Handling of data from the Internal Overhead Bit
Generator
By default, the Transmit E3 Framer block will internal-
ly generate the overhead bytes. However, if the Ter-
minal Equipment inserts its own values for the over-
head bits or bytes (via the Transmit Overhead Data
Input Interface) or if the user enables and employs
the Transmit E3 HDLC Controller block, then these in-
ternally generated overhead bytes will be overwritten.
Handling of data from the Transmit Overhead Da-
ta Input Interface
For E3 applications, the Transmit E3 Framer block au-
tomatically generates and inserts the framing align-
ment bytes (e.g., the 10 bit FAS framing alignment
signal) into the outbound E3 frames. Hence, the
Transmit E3 Framer block will not accept data from
the Transmit OH Data Input Interface block for the
FAS signal.
However, the Transmit E3 Framer block will accept
(and insert) data from the Transmit Overhead Data In-
put Interface for both the “A” and “N” bit-fields.
If the user's local Data Link Equipment activates the
Transmit Overhead Data Input Interface block and
writes data into this interface for these bits or bytes,
then the Transmit E3 Framer block will insert this data
into the appropriate overhead bit/byte-fields, within
the outbound E3 frames.
Handling of data from the Transmit HDLC Control-
ler Block
The exact manner in how the Transmit E3 Framer
handles data from the Transmit HDLC Controller
block depends upon whether the Transmit HDLC
Controller is activated or not. If the Transmit DS3
HDLC Controller block is not activated, then the
Transmit E3 Framer block will insert a “1” into each
“N” bit-field, within each outbound E3 frame.
If the Transmit E3 HDLC Controller block is activated,
then data will be inserted into the “N” bit-fields as de-
scribed in Section 4.2.3.
5.2.4.2
Detailed Functional Description of the
Transmit E3 Framer Block
The Transmit E3 Framer receives data from the fol-
lowing three sources and combines them together to
form the E3 data stream.
• The Transmit Payload Data Input Interface block.
• The Transmit Overhead Data Input Interface block
• The Transmit HDLC Controller block.
• The Internal Overhead Data Generator.
Afterwards, this E3 data stream will be routed to the
Transmit E3 LIU Interface block, for further process-
ing.
Figure 119 presents a simple illustration of the Trans-
mit E3 Framer block, along with the associated paths
to the other functional blocks within the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com