Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 287 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 287 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 283Page - Exar Corporation XRT7250 Datasheet HTML 284Page - Exar Corporation XRT7250 Datasheet HTML 285Page - Exar Corporation XRT7250 Datasheet HTML 286Page - Exar Corporation XRT7250 Datasheet HTML 287Page - Exar Corporation XRT7250 Datasheet HTML 288Page - Exar Corporation XRT7250 Datasheet HTML 289Page - Exar Corporation XRT7250 Datasheet HTML 290Page - Exar Corporation XRT7250 Datasheet HTML 291Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
268
NOTE: In Figure 118, the unshaded boxes depict the tasks
that the user must perform. The shaded boxes present the
resulting tasks that the Transmit HDLC Controller block will
perform.
The Mechanics of Transmitting a New LAPD Mes-
sage frame, if the LAPD Transmitter has been
configured to re-transmit the LAPD Message
frame, repeatedly, at One-Second intervals.
If the LAPD Transmitter has been configured to re-
transmit the LAPD Message frame repeatedly at one-
second intervals, then it will do the following (at one-
second intervals).
• Stuff the PMDL Message.
• Read in the stuffed PMDL Message from the Trans-
mit LAPD Message buffer.
• Encapsulate this stuffed PMDL Message into a
LAPD Message frame.
• Transmit this LAPD Message frame to the Remote
Terminal Equipment.
If another (e.g., a different) PMDL Message is to be
transmitted to the Remote Terminal Equipment, this
new message will have to be written into the Transmit
LAPD Message buffer, via the Microprocessor Inter-
face block of the Framer IC. However, care must be
taken when writing this new PMDL message. If this
message is written into the Transmit LAPD Message
buffer at the wrong time (with respect to these One-
second LAPD Message frame transmissions), the us-
er’s action could interfere with these transmissions,
thereby causing the LAPD Transmitter to transmit a
corrupted message to the Remote Terminal Equip-
ment. In order to avoid this problem, while writing the
new message into the Transmit LAPD Message buff-
er, the user should do the following.
1. Configure the Framer to automatically reset acti-
vated interrupts.
The user can do this by writing a “1” into Bit 3 within
the Framer Operating Mode register (Address =
0x00), as depicted below.
FIGURE 118. FLOW CHART DEPICTING HOW TO USE THE LAPD TRANSMITTER
START
START
WRITE IN DATA LINK INFORMATION
The user accomplishes this by writing the information
that he/she wishes to transmit (via the LAPD
Transmitter) to locations 0x86through 0xDD, within the
Framer Address Space.
ENABLE THE LAPD
TRANSMITTER FOR TRANSMISSION
This is accomplished by writing 00000xx1bto the Tx
E3 LAPD Configuration Register.(where xx dictates
LAPD Message Type)
LAPD Transmitter inserts Frame Header
octets in front of the user payload.
LAPD Transmitter computes the 16 bit FCS
(a CRC-16 value) and inserts it into the LAPD
Message, following the user payload
LAPD Transmitter appends a Flag Sequence
Trailer octet to the end of the LAPD Message
(after the 16 bit FCS).
Is
5 consecutive
“1s” detected
?
Is
Message
Transmission
Complete
?
Insert a “0” after the
string of 5 consecutive
“1s”
END
Generate Interrupt
LAPD Transmitter will
continue to transmit
Flag Sequence octets.
INITIATE TRANSMISSION OF LAPD
MESSAGE
This is accomplished by writing 000010x0bto the Tx
E3 LAPD Status/InterruptRegister. (where x indicates
the user’s choiceto enable/disable “LAPD Message
Transfer Complete” Interrupt
Yes
No
Yes
No
CONFIGURE THE N-BIT to CARRYLAPD
Messages
This is accomplished by setting “TxNSourceSel[1:0]
= “1, 0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com