Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 283 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 283 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 279Page - Exar Corporation XRT7250 Datasheet HTML 280Page - Exar Corporation XRT7250 Datasheet HTML 281Page - Exar Corporation XRT7250 Datasheet HTML 282Page - Exar Corporation XRT7250 Datasheet HTML 283Page - Exar Corporation XRT7250 Datasheet HTML 284Page - Exar Corporation XRT7250 Datasheet HTML 285Page - Exar Corporation XRT7250 Datasheet HTML 286Page - Exar Corporation XRT7250 Datasheet HTML 287Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
264
Frame Check Sequence Bytes
The 16 bit FCS (Frame Check Sequence) is calculat-
ed over the LAPD Message Header and Information
Payload bytes, by using the CRC-16 polynomial, x16
+ x12 + x5 + 1.
Operation of the LAPD Transmitter
If the user wishes to transmit a message via the
LAPD Transmitter, the information portion (or the
body) of the message must be written into the Trans-
mit LAPD Message Buffer, which is located at 0x86
through 0xDD in on-chip RAM via the Microprocessor
Interface. Afterwards, the user must do five things:
1. Configure the source of the “N” bit (within each
outbound E3 frame, to be the LAPD Transmitter.
2. Specify the length of LAPD message to be trans-
mitted.
3. Specify whether the LAPD Transmitter should
transmit this LAPD Message frame only once, or
an indefinite number of times at One-Second
intervals.
4. Enable the LAPD Transmitter.
5. Initiate the Transmission of the PMDL Message.
Each of these steps will be discussed in detail.
STEP 1 - Configure the source of the “N” bit (with-
in each outbound E3 frame, to be the LAPD Trans-
mitter.
This is accomplished by writing the appropriate data
into the TxNSourceSel[1:0] bit-fields, within the TxE3
Configuration Register, as illustrated below.
Setting TxNSourceSel[1:0] to “10” configures the
Transmit E3 Framer block to use the LAPD Transmit-
ter as the data source for the “N” bits. Hence, the “N”
bit, (within each outbound E3 frame) is now carrying
LAPD Messages to the remote terminal equipment.
STEP 2 - Specify the type of LAPD Message frame
to be Transmitted (within the Transmit LAPD Mes-
sage Buffer)
The user must write in a specific octet value into the
first octet position within the Transmit LAPD Buffer
(e.g., at Address Location 0x86 within the Framer IC).
This octet is referred to as the LAPD Message Frame
ID octet. The value of this octet must correspond to
the type of LAPD Message frame that is desired to be
transmitted. This octet will ultimately be used by the
Remote Terminal Equipment in order to help it identify
the type of LAPD message frame that it is receiving.
Table 53 lists these octets and the corresponding
LAPD Message types.
STEP 3 - Write the PMDL Message into the re-
maining part of the Transmit LAPD Message Buff-
er.
The user must now write in his/her PMDL Message
into the remaining portion of the Transmit LAPD Mes-
sage buffer (e.g., addresses 0x87 through 0x135
within the Framer IC).
STEP 4 - Specifying the Length of the LAPD Mes-
sage
One of two different sizes of LAPD Messages can be
transmitted. This can be accomplished by writing the
appropriate data to bit 1 within the Tx E3 LAPD Con-
figuration Register. The bit-format of this register is
presented below.
TXE3 CONFIGURATION REGISTER (ADDRESS = 0X30)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Tx
BIP-4
Enable
TxASourceSel[1:0]
TxNSourceSel[1:0]
Tx AIS
Enable
Tx LOS
Enable
Tx FAS
Source
Select
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000
TRANSMIT E3 LAPD CONFIGURATION REGISTER (ADDRESS = 0X33)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1BIT 0
Not Used
Auto
Retransmit
Not Used
TxLAPD
Msg Length
TxLAPD
Enable
R/O
R/O
R/O
R/O
R/W
R/O
R/W
R/W
00
00
X
0
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com