Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 281 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 281 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 277Page - Exar Corporation XRT7250 Datasheet HTML 278Page - Exar Corporation XRT7250 Datasheet HTML 279Page - Exar Corporation XRT7250 Datasheet HTML 280Page - Exar Corporation XRT7250 Datasheet HTML 281Page - Exar Corporation XRT7250 Datasheet HTML 282Page - Exar Corporation XRT7250 Datasheet HTML 283Page - Exar Corporation XRT7250 Datasheet HTML 284Page - Exar Corporation XRT7250 Datasheet HTML 285Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
262
5.2.3
The Transmit E3 HDLC Controller
The Transmit E3 HDLC Controller block can be used
to transport Message-Oriented Signaling (MOS) type
messages to the remote terminal equipment as dis-
cussed in detail below.
5.2.3.1
Message-Oriented Signaling (e.g.,
LAP-D) processing via the Transmit DS3 HDLC
Controller
The LAPD Transmitter (within the Transmit E3 HDLC
Controller Block) allows the user to transmit path
maintenance data link (PMDL) messages to the re-
mote terminal via the outbound E3 Frames. In this
case the message bits are inserted into and carried
by the “N” bit, within the outbound E3 frames. The
on-chip LAPD transmitter supports both the 76 byte
and 82 byte length message formats, and the Framer
IC allocates 88 bytes of on-chip RAM (e.g., the Trans-
mit LAPD Message buffer) to store the message to be
transmitted. The message format complies with ITU-
T Q.921 (LAP-D) protocol with different addresses
and is presented below in Figure 117 .
FIGURE 116. BEHAVIOR OF TRANSMIT OVERHEAD DATA INPUT INTERFACE SIGNALS BETWEEN THE XRT7250 AND
THE
TERMINAL EQUIPMENT (FOR METHOD 2)
TxInClk
TxOHFrame
TxOHEnable
TxOHIns
TxOH
Terminal Equipment
samples “TxOHFrame” and
“TxOHEnable” being “HIGH”
Terminal Equipment counts the number of
TxOHEnable pulses. At “pulse # 10” the Terminal
Equipment asserts the “TxOHIns” signal and places the
desired data on TxOH.
XRT7250 samples TxOH
here.
TxOHEnable Pulse # 10
A bit = 1
TxOHEnable Pulse # 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com