Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 277 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 277 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 273Page - Exar Corporation XRT7250 Datasheet HTML 274Page - Exar Corporation XRT7250 Datasheet HTML 275Page - Exar Corporation XRT7250 Datasheet HTML 276Page - Exar Corporation XRT7250 Datasheet HTML 277Page - Exar Corporation XRT7250 Datasheet HTML 278Page - Exar Corporation XRT7250 Datasheet HTML 279Page - Exar Corporation XRT7250 Datasheet HTML 280Page - Exar Corporation XRT7250 Datasheet HTML 281Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
258
In Figure 114 the Terminal Equipment samples the
TxOHFrame signal being "High" at rising clock edge #
0. From this point, the Terminal Equipment will wait
until it has detected the 10th rising edge of the TxO-
HClk signal. At this point, the Terminal Equipment
knows that the XRT7250 is just about to process the
“A” bit within a given outbound E3 frame. Additionally,
according to Table 49, the 10th overhead bit to be
processed is the "A" bit. In order to facilitate the
transmission of the Yellow Alarm, the Terminal Equip-
ment must set this "A" bit to "1". Hence, the Terminal
Equipment starts this process by implementing the
following steps concurrently.
a. Assert the TxOHIns input pin by setting it "High".
b. Set the TxOH input pin to "1".
After the Terminal Equipment has applied these sig-
nals, the XRT7250 will sample the data on both the
TxOHIns and TxOH signals upon the very next falling
edge of TxOHClk (designated as "10-" in Figure 114).
Once the XRT7250 has sampled this data, it will then
insert a "1" into the "A" bit position, in the outbound
E3 frame.
Upon detection of the very next rising edge of the Tx-
OHClk clock signal (designated as clock edge 1 in
Figure 114, the Terminal Equipment will negate the
TxOHIns signal (e.g., toggles it "Low") and will cease
inserting data into the Transmit Overhead Data Input
Interface.
After the Terminal Equipment has performed this in-
sertion procedure, it leaves the remaining overhead
bits (within this particular outbound E3 frame) in-tact,
by terminating this Overhead Bit Insertion proce-
dure. The Terminal Equipment should now terminate
this overhead bit insertion, by doing the following.
a. Assert the TxOHIns input pin by setting it "High".
b. Set the TxOH input to "0".
If the Terminal Equipment wishes to continue its
transmission of the Yellow Alarm condition to the Re-
mote Terminal Equipment, then it should resume the
Overhead Bit Insertion procedure (as described
above), at the beginning of each outbound E3 frame
(or each time TxOHFrame is sampled "High”).
5.2.2.2
Method 2 - Using the TxInClk and TxO-
HEnable Signals
Method 1 requires the use of an additional clock sig-
nal, TxOHClk. However, there may be a situation in
which the user does not wish to add this extra clock
signal to their design, in order to use the Transmit
Overhead Data Input Interface. Hence, Method 2 is
FIGURE 114. ILLUSTRATION OF THE SIGNAL THAT MUST OCCUR BETWEEN THE TERMINAL EQUIPMENT AND THE
XRT7250 IN ORDER TO CONFIGURE THE XRT7250 TO TRANSMIT A YELLOW ALARM TO THE REMOTE TERMINAL
EQUIPMENT
Terminal Equipment/XRT7250 Interface Signals
TxOHClk
TxOHIns
TxOHFrame
TxOH
Remaining Overhead Bits with E3 Frame
A bit = 1
TxOHFrame is sampled “high”
Terminal Equipment asserts TxOHIns and
Data on TxOH line.
0
1
4
5
6
7
8
9
10 10-
XRT7250 Framer device samples TxOH and
TxOHIns signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com