Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 290 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 290 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 286Page - Exar Corporation XRT7250 Datasheet HTML 287Page - Exar Corporation XRT7250 Datasheet HTML 288Page - Exar Corporation XRT7250 Datasheet HTML 289Page - Exar Corporation XRT7250 Datasheet HTML 290Page - Exar Corporation XRT7250 Datasheet HTML 291Page - Exar Corporation XRT7250 Datasheet HTML 292Page - Exar Corporation XRT7250 Datasheet HTML 293Page - Exar Corporation XRT7250 Datasheet HTML 294Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
271
In addition to taking data from multiple sources and
multiplexing them, in appropriate manner, to create
the outbound E3 frames, the Transmit E3 Framer
block has the following roles.
• Generating Alarm Conditions
• Generating Errored Frames (for testing purposes)
• Routing outbound E3 frames to the Transmit E3 LIU
Interface block
Each of these additional roles are discussed below.
5.2.4.2.1
Generating Alarm Conditions
The Transmit E3 Framer block permits the user to, by
writing the appropriate data into the on-chip registers,
to override the data that is being written into the
Transmit Payload Data and Overhead Data Input In-
terfaces and transmit the following alarm conditions.
• Generate the Yellow Alarms (or FERF indicators)
• Manipulate the A-bit, by forcing it to “0”.
• Generate the AIS Pattern
• Generate the LOS pattern
• Generate FERF (Yellow) Alarms, in response to
detection of a Red Alarm condition (via the Receive
Section of the XRT7250).
The procedure and results of generating any of these
alarm conditions is presented below.
The user can exercise each of these options by writ-
ing the appropriate data to the Tx E3 Configuration
Register (Address = 0x30). The bit format of this reg-
ister is presented below.
Bit-fields 1 and 2 permit the user to transmit various
alarm conditions to the remote terminal equipment.
The role/function of each of these two bit-fields within
the register, are discussed below.
5.2.4.2.1.1
Tx AIS Enable - Bit 2
This read/write bit field permits the user to force the
transmission of an AIS (Alarm Indication Signal) pat-
tern to the remote terminal equipment via software
control. If the user opts to transmit an AIS pattern,
then the Transmit Section of the Framer IC will begin
to transmit an unframed all ones pattern to the re-
mote terminal equipment. Table 54 presents the rela-
tionship between the contents of this bit-field, and the
resulting Framer action.
FIGURE 119. A SIMPLE ILLUSTRATION OF THE TRANSMIT E3 FRAMER BLOCK AND THE ASSOCIATED PATHS TO
OTHER
FUNCTIONAL BLOCKS
Transmit
E3 Framer
Block
Transmit
E3 Framer
Block
Transmit HDLC
Controller/Buffer
Transmit Overhead
Data Input Interface
Transmit Payload Data
Input Interface
To Transmit E3 LIU Interface Block
TXE3 CONFIGURATION REGISTER (ADDRESS = 0X30)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Tx
BIP-4
Enable
TxASourceSel[1:0]
TxNSourceSel[1:0]
Tx AIS
Enable
Tx LOS
Enable
Tx FAS
Source
Select
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com