Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 293 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 293 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 289Page - Exar Corporation XRT7250 Datasheet HTML 290Page - Exar Corporation XRT7250 Datasheet HTML 291Page - Exar Corporation XRT7250 Datasheet HTML 292Page - Exar Corporation XRT7250 Datasheet HTML 293Page - Exar Corporation XRT7250 Datasheet HTML 294Page - Exar Corporation XRT7250 Datasheet HTML 295Page - Exar Corporation XRT7250 Datasheet HTML 296Page - Exar Corporation XRT7250 Datasheet HTML 297Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
274
Setting this bit-field to “1” accomplishes the following.
• It configures the Transmit E3 Framer block to com-
pute the BIP-4 value of a given E3 frame, and insert
in to the very last nibble, within the very next out-
bound E3 frame. (Hence, bits 1533 through 1536,
within each E3 frame, will function as the BIP-4
value)
• It configures the Receive E3 Framer block to com-
pute and verify the BIP-4 value of each incoming
E3 frame.
5.2.4.2.3
Generating Errored E3 Frames
The Transmit E3 Framer block permits the user to in-
sert errors into the framing and error detection over-
head bites (e.g., the FAS pattern, and the BIP-4 nib-
ble) of the outbound E3 data stream in order to sup-
port Remote Terminal Equipment testing. The user
can exercise this option by writing data into any of the
following registers.
• TxE3 FAS Error Mask Register - 0
• TxE3 FAS Error Mask Register - 1
• TxE3 BIP-4 Error Mask Register
Inserting Errors into the FAS pattern of the out-
bound’ E3 frames.
The user can insert errors into the FAS pattern bits, of
each outbound E3 frame, by writing the appropriate
data into either the TxE3 FAS Error Mask Register - 0
or TxE3 FAS Error Mask Register - 1.
As the Transmit E3 Framer block formulates the out-
bound E3 frames, the contents of the FAS pattern bits
are automatically XORed with the contents of these
two registers. The results of this XOR operation is
written back into the corresponding bit-field within the
outbound E3 frame, and is transmitted to the Remote
Terminal Equipment. Therefore, if the user does not
wish to modify any of these bits, then these registers
must contain all “0’s” (the default value).
Inserting Errors into the BIP-4 nibble, within each
outbound E3 frame.
The user can insert errors into the BIP-4 nibble, within
each outbound E3 frame, by writing the appropriate
data into the TxE3 BIP-4 Error Mask Register.
TXE3 CONFIGURATION REGISTER (ADDRESS = 0X30)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Tx
BIP-4
Enable
TxASourceSel[1:0]
TxNSourceSel[1:0]
Tx AIS
Enable
Tx LOS
Enable
Tx FAS
Source
Select
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
1
X
XXXX
XX
TXE3 FAS ERROR MASK REGISTER - 0 (ADDRESS = 0X48)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TxFAS_Error_Mask_Upper[4:0]
RO
RO
RO
R/W
R/W
R/W
R/W
R/W
0
0
0
XXX
XX
TXE3 FAS ERROR MASK REGISTER - 1 (ADDRESS = 0X49)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TxFAS_Error_Mask_Lower[4:0]
RO
RO
RO
R/W
R/W
R/W
R/W
R/W
0
0
0
XXX
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com