Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 296 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 296 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 292Page - Exar Corporation XRT7250 Datasheet HTML 293Page - Exar Corporation XRT7250 Datasheet HTML 294Page - Exar Corporation XRT7250 Datasheet HTML 295Page - Exar Corporation XRT7250 Datasheet HTML 296Page - Exar Corporation XRT7250 Datasheet HTML 297Page - Exar Corporation XRT7250 Datasheet HTML 298Page - Exar Corporation XRT7250 Datasheet HTML 299Page - Exar Corporation XRT7250 Datasheet HTML 300Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
277
The Transmit E3 LIU Interface block can transmit data
to the LIU IC or other external circuitry via two differ-
ent output modes: Unipolar or Bipolar. If the user se-
lects Unipolar (or Single Rail) mode, then the con-
tents of the E3 Frame is output, in a binary (NRZ
manner) data stream via the TxPOS pin to the LIU IC.
The TxNEG pin will only be used to denote the frame
boundaries. TxNEG will pulse "High" for one bit peri-
od, at the start of each new E3 frame, and will remain
"Low" for the remainder of the frame. Figure 122 pre-
sents an illustration of the TxPOS and TxNEG signals
during data transmission while the Transmit E3 LIU
Interface block is operating in the Unipolar mode.
This mode is sometimes referred to as Single Rail
mode because the data pulses only exist in one po-
larity: positive.
When the Transmit E3 LIU Interface block is operating
in the Bipolar (or Dual Rail) mode, then the contents
of the E3 Frame is output via both the TxPOS and Tx-
NEG pins. If the Bipolar mode is chosen, then E3 da-
ta can be transmitted to the LIU via one of two differ-
ent line codes: Alternate Mark Inversion (AMI) or High
Density Bipolar -3 (HDB3). Each one of these line
codes will be discussed below. Bipolar mode is
sometimes referred to as Dual Rail because the data
pulses occur in two polarities: positive and negative.
FIGURE 121. A SIMPLE ILLUSTRATION OF THE TRANSMIT E3 LIU INTERFACE BLOCK
From Transmit E3
Framer Block
TxPOS
TxNEG
TxLineClk
Transmit E3
LIU Interface
Block
FIGURE 122. THE BEHAVIOR OF TXPOS AND TXNEG SIGNALS DURING DATA TRANSMISSION WHILE THE TRANSMIT
DS3 LIU INTERFACE IS OPERATING IN THE UNIPOLAR MODE
TxPOS
TxNEG
TxLineClk
Data
1
0
1
1
0
0
1
0
0
1
1
1
0
1
0
1
0
0
1
1
1
0
0
1
Frame Boundary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com