Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 294 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 294 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 290Page - Exar Corporation XRT7250 Datasheet HTML 291Page - Exar Corporation XRT7250 Datasheet HTML 292Page - Exar Corporation XRT7250 Datasheet HTML 293Page - Exar Corporation XRT7250 Datasheet HTML 294Page - Exar Corporation XRT7250 Datasheet HTML 295Page - Exar Corporation XRT7250 Datasheet HTML 296Page - Exar Corporation XRT7250 Datasheet HTML 297Page - Exar Corporation XRT7250 Datasheet HTML 298Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
275
As the Transmit E3 Framer block formulates the out-
bound E3 frames, the contents of the BIP-4 bits are
automatically XORed with the contents of this regis-
ter. The results of this XOR operation is written back
into the corresponding bit-field within the outbound
E3 frame, and is transmitted to the Remote Terminal
Equipment. Therefore, if the user does not wish to
modify any of these bits, then this register must con-
tain all “0’s” (the default value).
NOTE: This register is only active if the XRT7250 Framer IC
has been configured to insert the BIP-4 nibble into each
outbound E3 frame.
5.2.5
The Transmit E3 Line Interface Block
The XRT7250 Framer IC is a digital device that takes
E3 payload and overhead bit information from some
terminal equipment, processes this data and ulti-
mately, multiplexes this information into a series of
outbound E3 frames. However, the XRT7250 Framer
IC lacks the current drive capability to be able to di-
rectly transmit this E3 data stream through some
transformer-coupled coax cable with enough signal
strength for it to be received by the remote receiver.
Therefore, in order to get around this problem, the
Framer IC requires the use of an LIU (Line Interface
Unit) IC. An LIU is a device that has sufficient drive
capability, along with the necessary pulse-shaping
circuitry to be able to transmit a signal through the
transmission medium in a manner that it can be reli-
ably received by the far-end receiver. Figure 120 pre-
sents a circuit drawing depicting the Framer IC inter-
facing to an LIU (XRT7300 DS3/E3/STS-1 Transmit
LIU).
TXE3 BIP-4 ERROR MASK REGISTER (ADDRESS = 0X4A)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TxBIP-4 Mask[3:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com