Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 291 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 291 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 287Page - Exar Corporation XRT7250 Datasheet HTML 288Page - Exar Corporation XRT7250 Datasheet HTML 289Page - Exar Corporation XRT7250 Datasheet HTML 290Page - Exar Corporation XRT7250 Datasheet HTML 291Page - Exar Corporation XRT7250 Datasheet HTML 292Page - Exar Corporation XRT7250 Datasheet HTML 293Page - Exar Corporation XRT7250 Datasheet HTML 294Page - Exar Corporation XRT7250 Datasheet HTML 295Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
272
NOTE: This bit is ignored whenever the TxLOS bit-field is
set.
5.2.4.2.1.2
Transmit LOS Enable - Bit 1
This read/write bit field allows the user to transmit an
LOS (Loss of Signal) pattern to the remote terminal,
upon software control. Table 55 relates the contents
of this bit field to the Transmit E3 Framer block's ac-
tion.
NOTE: When this bit is set, it overrides all of the other bits in
this register.
5.2.4.2.1.3
Transmitting FERF (Far-End
Receive Failure) Indicator or Yellow Alarm
The XRT7250 Framer IC permits the user to control
the state of the “A” bit-field, within each outbound E3
frame. This can be achieved by writing the appropri-
ate data into the TxASource[1:0] bit-fields within the
Tx E3 Configuration Register, as illustrated below.
The following table presents the relationship between
the contents of TxASource[1:0] and the resulting
source of the “A” bit.
TABLE 54: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 2 (TX AIS ENABLE) WITHIN THE TX E3
CONFIGURATION REGISTER, AND THE RESULTING TRANSMIT E3 FRAMER BLOCK'S ACTION
BIT 2TRANSMIT E3 FRAMER'S ACTION
0
Normal Operation:
The Transmit Section of the XRT7250 Framer IC will transmit E3 traffic based upon data that it accepts via the
Transmit Payload Data Input Interface block, the Transmit Overhead Data Input Interface block, the Transmit
HDLC Controller block and internally generated overhead bytes.
1
Transmit AIS Pattern:
The Transmit E3 Framer block will overwrite the E3 traffic, within an Unframed “All Ones” pattern.
TABLE 55: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 1 (TX LOS) WITHIN THE TX E3 CONFIGURATION
REGISTER, AND THE RESULTING TRANSMIT E3 FRAMER BLOCK'S ACTION
BIT 1TRANSMIT E3 FRAMER'S ACTION
0
Normal Operation:
The Overhead bits are either internally generated, or they are inserted via the Transmit Overhead Data Input
Interface or the Transmit HDLC Controller blocks. The Payload bits are received from the Transmit Payload
Data Input Interface.
1
Transmit LOS Pattern:
When this command is invoked the Transmit E3 Framer will do the following.
• Set all of the overhead bytes to "0" (including the FA1 and FA2 bytes)
Overwrite the E3 payload bits with an "all zeros" pattern.
TXE3 CONFIGURATION REGISTER (ADDRESS = 0X30)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Tx
BIP-4
Enable
TxASourceSel[1:0]
TxNSourceSel[1:0]
Tx AIS
Enable
Tx LOS
Enable
Tx FAS
Source
Select
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
X
X
0
0
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com