Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 297 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 297 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 293Page - Exar Corporation XRT7250 Datasheet HTML 294Page - Exar Corporation XRT7250 Datasheet HTML 295Page - Exar Corporation XRT7250 Datasheet HTML 296Page - Exar Corporation XRT7250 Datasheet HTML 297Page - Exar Corporation XRT7250 Datasheet HTML 298Page - Exar Corporation XRT7250 Datasheet HTML 299Page - Exar Corporation XRT7250 Datasheet HTML 300Page - Exar Corporation XRT7250 Datasheet HTML 301Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
278
The role of the TxPOS, TxNEG and TxLineClk output
pins, for this mode are discussed below.
TxPOS - Transmit Positive Polarity Pulse: The
Transmit E3 LIU Interface block will assert this output
to the LIU IC when it desires for the LIU to generate
and transmit a positive polarity pulse to the remote
terminal equipment.
TxNEG - Transmit Negative Polarity Pulse: The
Transmit E3 LIU Interface block will assert this output
to the LIU IC when it desires for the LIU to generate
and transmit a negative polarity pulse to the remote
terminal equipment.
TxLineClk - Transmit Line Clock: The LIU IC uses
this signal from the Transmit E3 LIU Interface block to
sample the state of its TxPOS and TxNEG inputs.
The results of this sampling dictates the type of pulse
(positive polarity, zero, or negative polarity) that it will
generate and transmit to the remote Receive E3
Framer.
5.2.5.1
Selecting the various Line Codes
The user can select either the Unipolar Mode or Bipo-
lar Mode by writing the appropriate value to Bit 3 of
the I/O Control Register (Address = 0x01), as shown
below.
Table 56 relates the value of this bit field to the Trans-
mit E3 LIU Interface Output Mode.
NOTES:
1. The default condition is the Bipolar Mode.
2. This selection also effects the operation of the
Receive E3 LIU Interface block
5.2.5.1.1
The Bipolar Mode Line Codes
If the Framer is choosen to operate in the Bipolar
Mode, then the DS3 data-stream can be choosen to
be transmitted via the AMI (Alternate Mark Inversion)
or the HDB3 Line Codes. The definition of AMI and
HDB3 line codes follow.
5.2.5.1.1.1
The AMI Line Code
AMI or Alternate Mark Inversion, means that consec-
utive "one's" pulses (or marks) will be of opposite po-
larity with respect to each other. The line code in-
volves the use of three different amplitude levels: +1,
0, and -1. +1 and -1 amplitude signals are used to
represent one's (or mark) pulses and the "0" ampli-
tude pulses (or the absence of a pulse) are used to
represent zeros (or space) pulses. The general rule
for AMI is: if a given mark pulse is of positive polarity,
then the very next mark pulse will be of negative po-
larity and vice versa. This alternating-polarity rela-
tionship exists between two consecutive mark pulses,
independent of the number of 'zeros' that may exist
between these two pulses. Figure 123 presents an il-
lustration of the AMI Line Code as would appear at
the TxPOS and TxNEG pins of the Framer, as well as
the output signal on the line.
I/O CONTROL REGISTER (ADDRESS = 0X01)
BIT 7BIT 6BIT 5BIT 4
BIT 3BIT2BIT 1BIT 0
Disable TxLOC
LOC
Disable
RxLOC
AMI/ZeroSup*
Unipolar/
Bipolar*
TxLine CLK
Invert
RxLine CLK
Invert
Reframe
R/W
RO
R/W
R/W
R/W
R/W
R/W
R/W
10
10
0
000
TABLE 56: THE RELATIONSHIP BETWEEN THE CONTENT OF BIT 3 (UNIPOLAR/BIPOLAR*) WITHIN THE UNI I/O
CONTROL REGISTER AND THE TRANSMIT E3 FRAMER LINE INTERFACE OUTPUT MODE
BIT 3TRANSMIT E3 FRAMER LIU INTERFACE OUTPUT MODE
0
Bipolar Mode: AMI or HDB3 Line Codes are Transmitted and Received
1
Unipolar (Single Rail) Mode of transmission and reception of E3 data is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com